Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P89LPC914 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # P89LPC914
Description  8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC914 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button P89LPC914 Datasheet HTML 50Page - NXP Semiconductors P89LPC914 Datasheet HTML 51Page - NXP Semiconductors P89LPC914 Datasheet HTML 52Page - NXP Semiconductors P89LPC914 Datasheet HTML 53Page - NXP Semiconductors P89LPC914 Datasheet HTML 54Page - NXP Semiconductors P89LPC914 Datasheet HTML 55Page - NXP Semiconductors P89LPC914 Datasheet HTML 56Page - NXP Semiconductors P89LPC914 Datasheet HTML 57Page - NXP Semiconductors P89LPC914 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
P89LPC912_913_914_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 28 September 2007
54 of 66
NXP Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
[1]
Parameters are valid over operating temperature range unless otherwise specified. Parts are tested to 2 MHz, but are guaranteed to
operate down to 0 Hz.
tSPILEAD
SPI enable lead time
see Figure 28,
29
slave
250
-
250
-
ns
tSPILAG
SPI enable lag time
see Figure 28,
29
slave
250
-
250
-
ns
tSPICLKH
SPICLK HIGH time
see Figure 26,
27, 28, 29
master
2
CCLK
-
165
-
ns
slave
3
CCLK
-
250
-
ns
tSPICLKL
SPICLK LOW time
see Figure 26,
27, 28, 29
master
2
CCLK
-
165
-
ns
slave
3
CCLK
-
250
-
ns
tSPIDSU
SPI data set-up time
see Figure 26,
27, 28, 29
100
-
100
-
ns
tSPIDH
SPI data hold time
see Figure 26,
27, 28, 29
100
-
100
-
ns
tSPIA
SPI access time
slave
see Figure 28,
29
0
120
0
120
ns
tSPIDIS
SPI disable time
see Figure 28,
29
slave
0
240
-
240
ns
tSPIDV
SPI enable to output data valid
time
see Figure 26,
27, 28, 29
slave
-
240
-
240
ns
master
-
167
-
167
ns
tSPIOH
SPI output data hold time
see Figure 26,
27, 28, 29
0-
0
-
ns
tSPIR
SPI rise time
see Figure 26,
27, 28, 29
SPI outputs
(SPICLK, MOSI, MISO)
-
100
-
100
ns
SPI inputs
(SPICLK, MOSI, MISO, SS)
-
2000
-
2000
ns
tSPIF
SPI fall time
see Figure 26,
27, 28, 29
SPI outputs
(SPICLK, MOSI, MISO)
-
100
-
100
ns
SPI inputs
(SPICLK, MOSI, MISO, SS)
-
2000
-
2000
ns
Table 14.
Dynamic characteristics …continued
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial, −40 °C to +125 °C for extended, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =12MHz
Unit
Min
Max
Min
Max


Similar Part No. - P89LPC914

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC914 PHILIPS-P89LPC914 Datasheet
314Kb / 63P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 03-17 December 2004
P89LPC914FDH PHILIPS-P89LPC914FDH Datasheet
314Kb / 63P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 03-17 December 2004
More results

Similar Description - P89LPC914

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC912 PHILIPS-P89LPC912 Datasheet
314Kb / 63P
   8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 03-17 December 2004
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
   8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC920 PHILIPS-P89LPC920 Datasheet
877Kb / 45P
   8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06-21 November 2003
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
   8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com