Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96PN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P82B96PN
Description  Dual bidirectional bus buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B96PN Datasheet(HTML) 3 Page - NXP Semiconductors

  P82B96PN Datasheet HTML 1Page - NXP Semiconductors P82B96PN Datasheet HTML 2Page - NXP Semiconductors P82B96PN Datasheet HTML 3Page - NXP Semiconductors P82B96PN Datasheet HTML 4Page - NXP Semiconductors P82B96PN Datasheet HTML 5Page - NXP Semiconductors P82B96PN Datasheet HTML 6Page - NXP Semiconductors P82B96PN Datasheet HTML 7Page - NXP Semiconductors P82B96PN Datasheet HTML 8Page - NXP Semiconductors P82B96PN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
P82B96_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 10 November 2009
3 of 32
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
5.
Block diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Block diagram of P82B96
P82B96
Sx (SDA)
Rx (RxD, SDA)
Sy (SCL)
Tx (TxD, SDA)
Ty (TxD, SCL)
GND
Ry (RxD, SCL)
002aab976
VCC (2 V to 15 V)
8
1
7
4
3
2
5
6
Fig 2.
Pin configuration for DIP8
Fig 3.
Pin configuration for SO8
Fig 4.
Pin configuration for
TSSOP8
P82B96PN
Sx
VCC
Rx
Sy
Tx
Ry
GND
Ty
002aab977
1
2
3
4
6
5
8
7
P82B96TD
P82B96TD/S900
Sx
VCC
Rx
Sy
Tx
Ry
GND
Ty
002aab978
1
2
3
4
6
5
8
7
P82B96DP
Sx
VCC
Rx
Sy
Tx
Ry
GND
Ty
002aab979
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
Sx
1
I2C-bus (SDA or SCL)
Rx
2
receive signal
Tx
3
transmit signal
GND
4
negative supply
Ty
5
transmit signal
Ry
6
receive signal
Sy
7
I2C-bus (SDA or SCL)
VCC
8
positive supply voltage


Similar Part No. - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96PN PHILIPS-P82B96PN Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
P82B96PN PHILIPS-P82B96PN Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results

Similar Description - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com