Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96PN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P82B96PN
Description  Dual bidirectional bus buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B96PN Datasheet(HTML) 2 Page - NXP Semiconductors

  P82B96PN Datasheet HTML 1Page - NXP Semiconductors P82B96PN Datasheet HTML 2Page - NXP Semiconductors P82B96PN Datasheet HTML 3Page - NXP Semiconductors P82B96PN Datasheet HTML 4Page - NXP Semiconductors P82B96PN Datasheet HTML 5Page - NXP Semiconductors P82B96PN Datasheet HTML 6Page - NXP Semiconductors P82B96PN Datasheet HTML 7Page - NXP Semiconductors P82B96PN Datasheet HTML 8Page - NXP Semiconductors P82B96PN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
P82B96_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 10 November 2009
2 of 32
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
3.
Applications
I Interface between I2C-buses operating at different logic levels (for example, 5 V and
3 V or 15 V)
I Interface between I2C-bus and SMBus (350 µA) standard
I Simple conversion of I2C-bus SDA or SCL signals to multi-drop differential bus
hardware, for example, via compatible PCA82C250
I Interfaces with opto-couplers to provide opto-isolation between I2C-bus nodes up to
400 kHz
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
P82B96DP
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
P82B96PN
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
P82B96TD
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
P82B96TD/S900
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
P82B96DP
82B96
−40 °C to +85 °C
P82B96PN
P82B96PN
−40 °C to +85 °C
P82B96TD
P82B96T
−40 °C to +85 °C
P82B96TD/S900
P82B96T
−40 °C to +125 °C


Similar Part No. - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96PN PHILIPS-P82B96PN Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
P82B96PN PHILIPS-P82B96PN Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results

Similar Description - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com