Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P82B96DP
Description  Dual bidirectional bus buffer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P82B96DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P82B96DP Datasheet HTML 7Page - NXP Semiconductors P82B96DP Datasheet HTML 8Page - NXP Semiconductors P82B96DP Datasheet HTML 9Page - NXP Semiconductors P82B96DP Datasheet HTML 10Page - NXP Semiconductors P82B96DP Datasheet HTML 11Page - NXP Semiconductors P82B96DP Datasheet HTML 12Page - NXP Semiconductors P82B96DP Datasheet HTML 13Page - NXP Semiconductors P82B96DP Datasheet HTML 14Page - NXP Semiconductors P82B96DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
P82B96_8
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 08 — 10 November 2009
11 of 32
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
Figure 13 shows how a master I2C-bus can be protected against short circuits or failures
in applications that involve plug and socket connections and long cables that may become
damaged. A simple circuit is added to monitor the SDA bus, and if its LOW time exceeds
the design value, then the master bus is disconnected. P82B96 will free all its I/Os if its
supply is removed, so one option is to connect its VCC to the output of a logic gate from,
say, the 74LVC family. The SDA and SCL lines could be timed and VCC disabled via the
gate if one or other lines exceeds a design value of ‘LOW’ period as in
Figure 28 of
AN255. If the supply voltage of logic gates restricts the choice of VCC supply then the
low-cost discrete circuit in Figure 13 can be used. If the SDA line is held LOW, the 100 nF
capacitor will charge and the Ry input will be pulled towards VCC. When it exceeds 0.5VCC
the Ry input will set the Sy input HIGH, which in practice means simply releasing it.
In this example the SCL line is made unidirectional by tying the Rx pin to VCC. The state of
the buffered SCL line cannot affect the master clock line which is allowed when
clock-stretching is not required. It is simple to add an additional transistor or diode to
control the Rx input in the same way as Ry when necessary. The +V cable drive can be
any voltage up to 15 V and the bus may be run at a lower impedance by selecting pull-up
resistors for a static sink current up to 30 mA. VCC1 and VCC2 may be chosen to suit the
connected devices. Because DDC uses relatively low speeds (< 100 kHz), the cable
length is not restricted to 20 m by the I2C-bus signalling, but it may be limited by the video
signalling.
Fig 13. Extending a DDC bus
P82B96
SCL
Rx
Tx
002aab989
Sx
VCC
Ry
Ty
Sy
I2C-bus/DDC
master
SDA
VCC1
GND
Rx
Tx
Ry
Ty
VCC
Sx
Sy
SCL
SDA
VCC2
GND
I2C-bus/DDC
slave
4.7 k
BC
847B
100 nF
100
k
+V cable drive
470 k
470 k
BC
847B
3 m to 20 m
cables
I2C-bus/DDC
R
G
B
video signals
PC/TV receiver/decoder box
P82B96
monitor/flat TV
+V cable drive


Similar Part No. - P82B96DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96DP PHILIPS-P82B96DP Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
P82B96DP PHILIPS-P82B96DP Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96DP NXP-P82B96DP Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96DP NXP-P82B96DP Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
P82B96DPZ PHILIPS-P82B96DPZ Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
More results

Similar Description - P82B96DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com