Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE811 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMPE811
Description  Advanced resistive touch screen controller with 8-bit GPIO expander
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMPE811_09 Datasheet HTML 12Page - STMicroelectronics STMPE811_09 Datasheet HTML 13Page - STMicroelectronics STMPE811_09 Datasheet HTML 14Page - STMicroelectronics STMPE811_09 Datasheet HTML 15Page - STMicroelectronics STMPE811_09 Datasheet HTML 16Page - STMicroelectronics STMPE811_09 Datasheet HTML 17Page - STMicroelectronics STMPE811_09 Datasheet HTML 18Page - STMicroelectronics STMPE811_09 Datasheet HTML 19Page - STMicroelectronics STMPE811_09 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
SPI interface
STMPE811
16/64
Doc ID 14489 Rev 2
5.2
SPI timing modes
The SPI timing modes are defined by CPHA and CPOL,CPHA and CPOL are read from the
"SDAT" and "A0" pins during power-up reset. The following four modes are defined
according to this setting.
The clocking diagrams of these modes are shown in ON reset. The device always operates
in mode 0. Once the bits are set in the SPICON register, the mode change takes effect on
the next transaction defined by the CS_n pin being deasserted and asserted.
5.2.1
SPI timing definition
Table 9.
SPI timing modes
CPOL_N (SDAT pin)
CPOL
CPHA (ADDR pin)
Mode
100
0
101
1
010
2
011
3
Table 10.
SPI timing specification
Symbol
Description
Timing
Unit
Min
Typ
Max
tCSS
CS_n falling to
first capture
clock
1
−−
µs
tCL
Clock low
period
500
−−
ns
tCH
Clock high
period
500
−−
ns
tLDI
Launch clock
to MOSI data
valid
−−
20
ns
tLDO
Launch clock
to MISO data
valid
−−
330
µs
tDI
Data on MOSI
valid
1
−−
µs
tCCS
Last clock
edge to CS_n
high
1
−−
µs
tCSH
CS_n high
period
2
−−
µs


Similar Part No. - STMPE811_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_08 Datasheet
508Kb / 54P
   8-bit port expander with advanced touchscreen controller
More results

Similar Description - STMPE811_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
   S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
April 2011
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Exar Corporation
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com