Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC101161DT Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # SC101161DT
Description  Device User Guide
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC101161DT Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button SC101161DT Datasheet HTML 84Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 85Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 86Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 87Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 88Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 89Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 90Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 91Page - Freescale Semiconductor, Inc SC101161DT Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
88
Freescale Semiconductor
15.1 Device-specific information
The read-only Module Version Register (BFMVR) contains the current version number of $80.
Section 16 Pulse Width Modulator (PWM) Block
Description
Consult the PWM_8B8C Block User Guide for information about the Pulse Width Modulator module.
When the PWM_8B8C Block User Guide refers to freeze mode this is equivalent to active BDM mode.
Section 17 Flash EEPROM 128K Block Description
Consult the FTS128K Block User Guide for information about the flash module.
Section 18 EEPROM 2K Block Description
Consult the EETS2K Block User Guide for information about the EEPROM module.
Section 19 RAM Block Description
This module supports single-cycle misaligned word accesses without wait states.
Section 20 MSCAN Block Description
There are three MSCAN modules (CAN4, CAN1 and CAN0) implemented on the MC9S12DT128.
Consult the MSCAN Block User Guide for information about the Motorola Scalable CAN Module.
Section 21 Port Integration Module (PIM) Block Description
Consult the PIM_9DTB128 Block User Guide for information about the Port Integration Module.
Section 22 Voltage Regulator (VREG) Block Description
Consult the VREG Block User Guide for information about the dual output linear voltage regulator.


Similar Part No. - SC101161DT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC101161DT FREESCALE-SC101161DT Datasheet
6Mb / 142P
   Device User Guide
More results

Similar Description - SC101161DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com