Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDXAVX100KDAA3 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # ASDXAVX100KDAA3
Description  ASDX Series Silicon Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXAVX100KDAA3 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  ASDXAVX100KDAA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX100KDAA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX100KDAA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX100KDAA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX100KDAA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX100KDAA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ASDX Series Silicon Pressure Sensors
2
www.honeywell.com/sensing
Table 1. Absolute Maximum Ratings
1
Parameter
Min.
Max.
Unit
Supply voltage (Vsupply)
-0.3
6.0
Vdc
Voltage to any pin
-0.3
Vsupply + 0.3
Vdc
ESD susceptibility (human body model)
3
-
kV
Storage temperature
-50 [-58]
125 [257]
°C [°F]
Lead temperature (2 s to 4 s)
-
250 [482]
°C [°F]
External capacitance between Vsupply and ground
2
100
470
nF
Table 2. Operating Specifications
Parameter
Min.
Typ.
Max.
Unit
Supply voltage (Vsupply)
3
3.3 Vdc
5.0 Vdc
Sensors are either 3.3.Vdc or 5.0.Vdc based on models chosen per the
order guide (see Figure 1).
3.0
4.75
3.3
4
5.0
4
3.6
5.25
Vdc
Supply current
1.5
2.5
3.5
mA
Compensated temperature range
5
0 [32]
-
85 [185]
°C [°F]
Operating temperature range
6
-20 [-4]
-
105 [221]
°C [°F]
Overpressure
7
2X operating pressure range minimum
Burst pressure
8
3X operating pressure range minimum
Startup time (power up to data ready)
-
-
5
ms
Response time
-
1.0
-
ms
Upper output clipping limit
97.5
-
-
% Vsupply
Lower output clipping limit
-
-
2.5
% Vsupply
Minimum load resistance
5.0
-
-
kOhm
Total error band
9
-
-
2.0
%FSS
10
Output resolution
12
-
-
bits
Table 3. Environmental Specifications
Parameter
Characteristic
Humidity
0% to 95% RH non-condensing
Vibration
10 G at 20 Hz to 2000 Hz
Shock
100 G for 11 ms
Life
1 million cycles minimum
Table 4. Wetted Materials
11
Parameter
Port 1 (Pressure Port)
12
Port 2 (Reference Port)
12
Covers
glass-filled PBT
glass-filled PBT
Adhesives
silicone
silicone and epoxy
Electronic components
silicon and glass
silicon, glass, and gold
Notes:
1.
Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device.
2.
An external bypass capacitor is required across the supply voltage (Pins 1 and 3 – see Figure 4) as close to the sensor supply pin as possible for correct sensor
operation.
3.
Ratiometricity of the sensor (the ability of the output to scale to the input voltage) is achieved within the specified operating voltage for each option. Other custom
supply voltages are available, please contact Honeywell Customer Service.
4.
The sensor is not reverse polarity protected. Incorrect application of excitation voltage or ground to the wrong pin may cause electrical failure.
5.
The compensated temperature range is the temperature range (or ranges) over which the sensor will produce an output proportional to pressure within the
specified performance limits.
6.
The operating temperature range is the temperature range over which the sensor will produce an output proportional to pressure but may not remain within the
specified performance limits.
7.
Overpressure is the maximum pressure which may safely be applied to the product for it to remain in specification once pressure is returned to the operating
pressure range. Exposure to higher pressures may cause permanent damage to the product.
8.
Burst pressure is the maximum pressure that may be applied to any port of the product without causing escape of pressure media. Product should not be expected
to function after exposure to any pressure beyond the burst pressure.
9.
Total error band is the maximum deviation in output from ideal transfer function over the entire compensated temperature and pressure range. Includes all errors
due to offset, full scale span, pressure non-linearity, pressure hysteresis, repeatability, thermal effect on offset, thermal effect on span and thermal hysteresis.
Specification units are in percent of full scale span (%FSS).
10.
Full scale span (FSS) is the algebraic difference between the output signal measured at the maximum (Pmax.) and minimum (Pmin.) limits of the pressure range.
11.
Consult Honeywell Customer Service for detailed material information.
12.
For the AC pressure port configuration, the “pressure” and “reference” ports are reversed.


Similar Part No. - ASDXAVX100KDAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDXAVX100KDSA3 HONEYWELL-ASDXAVX100KDSA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
More results

Similar Description - ASDXAVX100KDAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
   ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
logo
List of Unclassifed Man...
TPS31 ETC2-TPS31 Datasheet
138Kb / 4P
   Silicon Pressure Sensors
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com