Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12A128 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MC9S12A128
Description  Device User Guide
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A128 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MC9S12A128 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
97
Freescale Semiconductor
Appendix A Electrical Characteristics
A.1 General
This introduction is intended to give an overview on several common topics like power supply, current
injection etc.
A.1.1 Parameter Classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the
customer a better understanding the following classification is used and the parameters are tagged
accordingly in the tables where appropriate.
P:
Those parameters are guaranteed during production testing on each individual device.
C:
Those parameters are achieved by the design characterization by measuring a statistically relevant
sample size across process variations. They are regularly verified by production monitors.
T:
Those parameters are achieved by design characterization on a small sample size from typical
devices. All values shown in the typical column are within this category.
D:
Those parameters are derived mainly from simulations.
A.1.2 Power Supply
The MC9S12DT128 utilizes several pins to supply power to the I/O ports, A/D converter, oscillator, PLL
and internal logic.
The VDDA, VSSA pair supplies the A/D converter and the resistor ladder of the internal voltage regulator.
The VDDX, VSSX, VDDR and VSSR pairs supply the I/O pins, VDDR supplies also the internal voltage
regulator.
VDD1, VSS1, VDD2 and VSS2 are the supply pins for the digital logic, VDDPLL, VSSPLL supply the
oscillator and the PLL.
VSS1 and VSS2 are internally connected by metal.
VDDA, VDDX, VDDR as well as VSSA, VSSX, VSSR are connected by anti-parallel diodes for ESD
protection.


Similar Part No. - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
2Mb / 138P
   MC9S12DT128 Device User Guide V02.09
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A128 FREESCALE-MC9S12A128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12A128CPVE FREESCALE-MC9S12A128CPVE Datasheet
91Kb / 2P
   16-bit Microcontrollers MC9S12A128
More results

Similar Description - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com