Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12A128 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MC9S12A128
Description  Device User Guide
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12A128 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MC9S12A128 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 88Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 89Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 90Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC9S12A128 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
89
Freescale Semiconductor
Section 23 Printed Circuit Board Layout Proposal
The PCB must be carefully laid out to ensure proper operation of the voltage regulator as well as of the
MCU itself. The following rules must be observed:
Every supply pair must be decoupled by a ceramic capacitor connected as near as possible to the
corresponding pins (C1 – C6).
Central point of the ground star should be the VSSR pin.
Use low ohmic low inductance connections between VSS1, VSS2 and VSSR.
VSSPLL must be directly connected to VSSR.
Keep traces of VSSPLL, EXTAL and XTAL as short as possible and occupied board area for C7,
C8, C11 and Q1 as small as possible.
Do not place other signals or supplies underneath area occupied by C7, C8, C10 and Q1 and the
connection area to the MCU.
Central power input should be fed in at the VDDA/VSSA pins.
Table 23-1 Suggested External Component Values
Component
Purpose
Type
Value
C1
VDD1 filter cap
ceramic X7R
100 … 220nF
C2
VDD2 filter cap
ceramic X7R
100 … 220nF
C3
VDDA filter cap
ceramic X7R
100nF
C4
VDDR filter cap
X7R/tantalum
>= 100nF
C5
VDDPLL filter cap
ceramic X7R
100nF
C6
VDDX filter cap
X7R/tantalum
>= 100nF
C7
OSC load cap
C8
OSC load cap
C9 / CS
PLL loop filter cap
See PLL specification chapter
C10 / CP
PLL loop filter cap
C11 / CDC
DC cutoff cap
Colpitts mode only, if recommended by
quartz manufacturer
R1 / R
PLL loop filter res
See PLL Specification chapter
R2 / RB
Pierce mode only
R3 / RS
Q1
Quartz


Similar Part No. - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
2Mb / 138P
   MC9S12DT128 Device User Guide V02.09
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A128 FREESCALE-MC9S12A128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12A128CPVE FREESCALE-MC9S12A128CPVE Datasheet
91Kb / 2P
   16-bit Microcontrollers MC9S12A128
More results

Similar Description - MC9S12A128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128CPVE FREESCALE-MC9S12DT128CPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12H256 FREESCALE-MC9S12H256 Datasheet
5Mb / 130P
   Device User Guide V01.18
MC9S12DT128B FREESCALE-MC9S12DT128B Datasheet
2Mb / 128P
   Device User Guide V01.09
MC9S12DT256 FREESCALE-MC9S12DT256_06 Datasheet
781Kb / 132P
   Device User Guide V03.07
logo
NXP Semiconductors
9S12XDP512DGV1 NXP-9S12XDP512DGV1 Datasheet
1Mb / 152P
   MC9S12XDP512 Device User Guide
V01.12 April 2004
9S12XDP512DGV2 NXP-9S12XDP512DGV2 Datasheet
1Mb / 176P
   MC9S12XDP512 Device User Guide
V02.05 November 18th 2004
logo
Freescale Semiconductor...
MC9S12D64CFUE FREESCALE-MC9S12D64CFUE Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com