Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG3415UFY4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG3415UFY4
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG3415UFY4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG3415UFY4 Datasheet HTML 1Page - Diodes Incorporated DMG3415UFY4 Datasheet HTML 2Page - Diodes Incorporated DMG3415UFY4 Datasheet HTML 3Page - Diodes Incorporated DMG3415UFY4 Datasheet HTML 4Page - Diodes Incorporated DMG3415UFY4 Datasheet HTML 5Page - Diodes Incorporated DMG3415UFY4 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG3415UFY4
Document number: DS31842 Rev. 4 - 2
2 of 6
www.diodes.com
December 2009
© Diodes Incorporated
DMG3415UFY4
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-16
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
TJ = 25°C
IDSS
-1.0
μA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
±10
±500
μA
nA
VGS = ±8V, VDS = 0V
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-0.3
-0.55
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
31
39
m
VGS = -4.5V, ID = -4.0A
40
52
VGS = -2.5V, ID = -3.5A
51
65
VGS = -1.8V, ID = -2.0A
Forward Transfer Admittance
|Yfs|
7.9
S
VDS = -5V, ID = -2.5A
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
281.9
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
152.0
pF
Reverse Transfer Capacitance
Crss
37.9
pF
Gate Resistnace
Rg
250
VDS = 0V, VGS = 0V, f = 1.0MHz
SWITCHING CHARACTERISTICS (Note 6)
Total Gate Charge
Qg
10
nC
VGS = -4.5V, VDS = -10V, ID = -4A
Gate-Source Charge
Qgs
1.5
nC
Gate-Drain Charge
Qgd
2.4
nC
Turn-On Delay Time
tD(on)
79.0
ns
VDS = -10V, VGS = -4.5V,
RD = 2.5Ω, RG = 3.0Ω
Turn-On Rise Time
tr
175.2
ns
Turn-Off Delay Time
tD(off)
884.5
ns
Turn-Off Fall Time
tf
568
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to production testing.
01
2
3
4
5
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
4
8
12
16
20
V
= 2.0V
GS
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 2.5V
GS
V
= 1.5V
GS
0
4
8
12
16
20
0.5
1
1.5
2
2.5
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS


Similar Part No. - DMG3415UFY4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG3415UFY4Q DIODES-DMG3415UFY4Q Datasheet
382Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG3415UFY4Q-7 DIODES-DMG3415UFY4Q-7 Datasheet
382Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMG3415UFY4 DIODES-DMG3415UFY4_15 Datasheet
191Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG3415UFY4

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com