Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPY4150ALTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPY4150ALTR
Description  MEMS motion sensor: dual-axis pitch and yaw 짹1500 dps analog gyroscope
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPY4150ALTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPY4150ALTR Datasheet HTML 6Page - STMicroelectronics LPY4150ALTR Datasheet HTML 7Page - STMicroelectronics LPY4150ALTR Datasheet HTML 8Page - STMicroelectronics LPY4150ALTR Datasheet HTML 9Page - STMicroelectronics LPY4150ALTR Datasheet HTML 10Page - STMicroelectronics LPY4150ALTR Datasheet HTML 11Page - STMicroelectronics LPY4150ALTR Datasheet HTML 12Page - STMicroelectronics LPY4150ALTR Datasheet HTML 13Page - STMicroelectronics LPY4150ALTR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application hints
LPY4150AL
10/14
Doc ID 16581 Rev 1
5
Application hints
Figure 3.
LPY4150AL electrical connections and external components values
Power supply decoupling capacitors (100 nF ceramic or polyester + 10 µF aluminum) should
be placed as near as possible to the device (common design practice).
The LPY4150AL allows band limiting of the output rate response through the use of an
external low-pass filter (recommended) in addition to the embedded low-pass filter (ft = 140
Hz).
The 4xOUTX and 4xOUTZ are, respectively, OUTX and OUTZ amplified output lines,
internally buffered to ensure low output impedance.
If external low-pass filtering is not applied, it is mandatory to short-circuit pin 1 to pin 5 and
pin 16 to pin 20, respectively, when amplified outputs are used.
When only a non-amplified output is used (OUTX/OUTZ), it is recommended to set pin 5
and 16 to a fixed reference voltage (Vref).
The LPY4150AL IC includes a PLL (phase-locked loop) circuit to synchronize driving and
sensing interfaces. Capacitors and resistors must be added at the FILTVDD and VCONT
pins (as shown in
Figure 3) to implement a low-pass filter.


Similar Part No. - LPY4150ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPY4150AL STMICROELECTRONICS-LPY4150AL Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - LPY4150ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPR4150AL STMICROELECTRONICS-LPR4150AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹1500 dps analog gyroscope
LPY450AL STMICROELECTRONICS-LPY450AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹500 dps analog gyroscope
LPY410AL STMICROELECTRONICS-LPY410AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹100 dps analog gyroscope
LPY430AL STMICROELECTRONICS-LPY430AL Datasheet
284Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹300 dps analog gyroscope
LPY403AL STMICROELECTRONICS-LPY403AL Datasheet
282Kb / 14P
   MEMS motion sensor: dual-axis pitch and yaw 짹30 dps analog gyroscope
STEVAL-MKI100V1 STMICROELECTRONICS-STEVAL-MKI100V1 Datasheet
126Kb / 4P
   MEMS demonstration board based on the LPY4150AL (dual-axis pitch and yaw 짹1500 dps analog gyroscope)
LPR403AL STMICROELECTRONICS-LPR403AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹30 dps analog gyroscope
LPR450AL STMICROELECTRONICS-LPR450AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹500 dps analog gyroscope
LPY530AL STMICROELECTRONICS-LPY530AL Datasheet
228Kb / 12P
   MEMS motion sensor: dual axis pitch and yaw 짹300째/s analog gyroscope
LPR430AL STMICROELECTRONICS-LPR430AL Datasheet
262Kb / 14P
   MEMS motion sensor: dual-axis pitch and roll 짹300 dps analog gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com