Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ1317 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSEZ1317
Description  Primary-Side-Regulation PWM with POWER MOSFET Integrated
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ1317 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSEZ1317 Datasheet HTML 1Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 2Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 3Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 4Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 5Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 6Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1317 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1317 • Rev. 1.0.4
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VHV
HV Pin Input Voltage
500
V
VVDD
DC Supply Voltage
(1,2)
30
V
VVS
VS Pin Input Voltage
-0.3
7.0
V
VCS
CS Pin Input Voltage
-0.3
7.0
V
VCOMV
Voltage Error Amplifier Output Voltage
-0.3
7.0
V
VCOMI
Current Error Amplifier Output Voltage
-0.3
7.0
V
VDS
Drain-Source Voltage
700
V
ID
Continuous Drain Current
TA=25°C
1
A
TA=100°C
0.6
A
IDM
Pulsed Drain Current
4
A
EAS
Single Pulse Avalanche Energy
50
mJ
IAR
Avalanche Current
1
A
PD
Power Dissipation (TA<50°C)
660
mW
θJA
Thermal Resistance (Junction-to-Air)
SOP
150
°C/W
DIP
95
°C/W
ΨJT
Thermal Resistance (Junction-to-Case)
SOP
39
°C/W
DIP
25
°C/W
TJ
Operating Junction Temperature
-40
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature (Reflow, 3 Cycles)
+260
°C
ESD
Electrostatic Discharge Capability
(Except HV Pin)
Human Body Model,
JEDEC-JESD22_A114
3500
V
Charged Device Model,
JEDEC-JESD22_C101
1250
Notes:
1.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
2.
All voltage values, except differential voltages, are given with respect to the GND pin.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Units
TA
Operating Ambient Temperature
-40
+105
°C


Similar Part No. - FSEZ1317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317AMY_F116 FAIRCHILD-FSEZ1317AMY_F116 Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
More results

Similar Description - FSEZ1317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
539Kb / 14P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com