Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7740ILBTR-AAAA-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRP7740ILBTR-AAAA-F
Description  Quad-Output Digital PWM Buck Controller Supporting high current loads
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7740ILBTR-AAAA-F Datasheet(HTML) 3 Page - Exar Corporation

  XRP7740ILBTR-AAAA-F Datasheet HTML 1Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 2Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 3Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 4Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 5Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 6Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 7Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 8Page - Exar Corporation XRP7740ILBTR-AAAA-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
XRP7740
REV 1.1.0
Quad-Output Digital PWM Buck Controller
LOW DROP-OUT REGULATOR
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
LDOOUT Output Voltage
(LDO=LOW)
3.15
3.3
3.45
V
6.5 <= VIN1 <= 20V
0mA < ILDOOUT < 100mA
LDOOUT Output Voltage
(LDO=HIGH)
4.75
5.0
5.25
V
6.5 <= VIN1 <= 20V
0mA < ILDOOUT < 100mA
LDOOUT Short Circuit
Current Limit
110
220
mA
V
LDOOUT =0V
AUXILIARY ADCs
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
ADC Resolution
8
bit
Linearity Error Integral
2
LSB
Linearity Error Differential
-1
1
LSB
Input Dynamic Range VIN1
6.5
20
V
Input Dynamic Range VIN2
6.5
20
V
ISENSE ADC
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
ADC Resolution
7
bit
ADC LSB
5
mV
Referred to the input
Input Dynamic Range
0
-320
mV
PWM GENERATORS and OSCILLATOR
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Output frequency range
300
1500
kHz
Steps defined in the table in the
“PWM Switching Frequency
Setting” Section below.
Channel-to-channel phase
shift step
90
deg
With 4 phase setting.
Channel-to-channel phase
shift step
120
deg
With 3 phase setting.
Minimum On Time
40
ns
1nF of gate capacitance.
Minimum Off Time
125
ns
1nF of gate capacitance
CLOCK IN Synchronization
Range
-5
5
%
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET.
EXAR CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY.
3


Similar Part No. - XRP7740ILBTR-AAAA-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7740ILBTR-0X18-F EXAR-XRP7740ILBTR-0X18-F Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7740ILBTR-F EXAR-XRP7740ILBTR-F Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results

Similar Description - XRP7740ILBTR-AAAA-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7704 EXAR-XRP7704 Datasheet
865Kb / 31P
   Quad-Output Digital PWM Buck Controller
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
   Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Maxim Integrated Produc...
MAX1953 MAXIM-MAX1953 Datasheet
642Kb / 22P
   Low-Cost, High-Frequency, Current-Mode PWM Buck Controller
Rev 0; 4/02
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com