Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZTX712 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. ZTX712
Description  PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX712 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZTX712 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PNP SILICON PLANAR MEDIUM POWER
DARLINGTON TRANSISTOR
ISSUE 1 – MAY 94
FEATURES
* 60 Volt VCEO
* 0.8 Amp continuous current
* Gain of 10K at IC=0.5 Amp
APPLICATIONS
* Lamp, solenoid and relay drivers
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-10
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-800
mA
Power Dissipation at Tamb = 25°C
derate above 25°C
Ptot
1
5.7
W
mW/ °C
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN. MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-80
V
IC=-10µA
Collector-Emitter
Breakdown Voltage
VCEO(SUS) -60
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-10
V
IE=-10µA
Collector Cut-Off Current
ICBO
-100
nA
VCB=-60V, IE=0
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-8V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-1.25
V
IC=-800mA, IB=-8mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-1.8
V
IC=-800mA, VCE=-5V*
Static Forward
Current Transfer Ratio
hFE
5K
10K
IC=-100mA, VCE=-5V*
IC=-500mA, VCE=-5V*
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
ZTX712
3-253
C
B
E
E-Line
TO92 Compatible


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn