Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRP7704 Datasheet(PDF) 18 Page - Exar Corporation

Part # XRP7704
Description  Quad-Output Digital PWM Buck Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7704 Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRP7704 Datasheet HTML 14Page - Exar Corporation XRP7704 Datasheet HTML 15Page - Exar Corporation XRP7704 Datasheet HTML 16Page - Exar Corporation XRP7704 Datasheet HTML 17Page - Exar Corporation XRP7704 Datasheet HTML 18Page - Exar Corporation XRP7704 Datasheet HTML 19Page - Exar Corporation XRP7704 Datasheet HTML 20Page - Exar Corporation XRP7704 Datasheet HTML 21Page - Exar Corporation XRP7704 Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
XRP7704
REV 1.1.0
Quad-Output Digital PWM Buck Controller
Output Voltage Setting and Monitoring
The Output Voltage setting is controlled by the SET_VOUT_TARGET_CHx register. This register allows the user
to set the output voltage with a resolution of 50mV for output voltages between 0 and 2.5V and with a resolution
of 100mV for output voltages between 2.6V and 5.1V. Output voltages higher than 5.1V can be achieved by
adding an external voltage divider network. The output voltage of a particular channel can be read back using the
READ_VOUTx register.
Output Voltage from 0.9V to 5.1V
Per the equation below, for values between 0.9V and 5.1V the output voltage is equal to the binary number stored
in the SET_VOUT_TARGET_CHx register multiplied by 50mV. When programming an output voltage from 2.6V
to 5.1V, odd binary values should be avoided. As a result, the set resolution for an output voltage higher than
2.5V is 100mV.
Output VOUT Higher Than 5.1V
To set the output voltage higher than 5.1V, the user needs to add an external voltage divider. The resistors used
in the voltage divider should be below 10kΩ. The SET_VOUT_TARGET_CHx register should be set to 0x32
which is equivalent to an output voltage of 2.5V without the external divider network. The output voltage regulation
in this case might exceed 2% due to extra error from the resistor divider. R1 and R2 follow the definition below.
External divider network for high output voltage
Output Voltage Lower Than 0.9V
The XRP7704 can be programmed to regulate an output voltage lower than 0.9V. However, in this case the
specification of +-2% output voltage accuracy may be exceeded.
EXAR CONFIDENTIAL. PROPRIETARY. DO NOT DISTRIBUTE OR COPY.
18


Similar Part No. - XRP7704

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7704 EXAR-XRP7704 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
XRP7704ILBF EXAR-XRP7704ILBF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XRP7704

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7740 EXAR-XRP7740 Datasheet
822Kb / 31P
   Quad-Output Digital PWM Buck Controller Supporting high current loads
XR77128 EXAR-XR77128 Datasheet
1Mb / 28P
   Quad Output Digital PWM/PFM
XR77129 EXAR-XR77129 Datasheet
1Mb / 28P
   40V Quad Output Digital PWM/PFM
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
   Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
logo
International Rectifier
CHL8266 IRF-CHL8266 Datasheet
273Kb / 2P
   Digital Multi-Phase GPU Buck Controller GPU-compliant Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com