Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88053ALMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88053ALMGTR
Description  3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88053ALMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88053ALMGTR Datasheet HTML 1Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88053ALMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
SY88053AL
May 2010
5
M9999-052610-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.0 to 3.6V; RLoad = 50Ω to VCC; TA = –40°C to +85°C, typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
tr, tf
Output Rise/Fall Time
(20% to 80%)
Note 6
25
35
ps
tJITTER
Deterministic
Random
Note 7
Note 8
10
1
psPP
psRMS
VID
Differential Input Voltage Swing
15
1800
mVPP
VOD
Differential Output Voltage Swing
Note 6
600
700
800
mVPP
TOFF
LOS Release Time
Note 11
100
500
ns
TON
LOS Assert Time
Note 11
100
500
ns
LOSAL
Low LOS Assert Level
RLOSLVL = 10kΩ, Note 9
5
14
mVPP
LOSDL
Low LOS De-assert Level
RLOSLVL = 10kΩ, Note 9
20
25
mVPP
HSYL
Low LOS Hysteresis
RLOSLVL = 10kΩ, Note 10
2
3.0
6
dB
LOSAM
Medium LOS Assert Level
RLOSLVL = 5kΩ, Note 9
10
21
mVPP
LOSDM
Medium LOS De-assert Level
RLOSLVL = 5kΩ, Note 9
30
40
mVPP
HSYM
Medium LOS Hysteresis
RLOSLVL = 5kΩ, Note 10
2
3.0
6
dB
LOSAH
High LOS Assert Level
RLOSLVL = 100Ω, Note 9
35
55
mVPP
LOSDH
High LOS De-assert Level
RLOSLVL = 100Ω, Note 9
76
85
mVPP
HSYH
High LOS Hysteresis
RLOSLVL = 100Ω, Note 10
2
3.0
6
dB
B-3dB
3dB Bandwidth
10
GHz
AV(Diff)
Differential Voltage Gain
38
dB
S21
Single-Ended Small-Signal Gain
26
32
dB
Notes:
6. Amplifier in limiting mode. Input is a 200MHz square wave.
7. Deterministic jitter measured using 10 Gbps K28.5 pattern, VID = 60mVPP.
8. Random jitter measured using 10Gbps K28.7 pattern, VID = 60mVPP.
9. See “Typical Operating Characteristics” for a graph showing how to choose a particular RLOSLVL for a particular LOS assert and its associated de-
assert amplitude.
10. This specification defines electrical hysteresis as 20log (LOS De-Assert/LOS Assert). The ratio between optical hysteresis and electrical
hysteresis is found to vary between 1.5 and 2 depending upon the level of received optical power and ROSA characteristics. Based on that ratio,
the optical hysteresis corresponding to the electrical hysteresis range 1dB-4.5 dB, shown in the AC characteristics table, will be 0.5dB-3dB
Optical Hysteresis.
11. In real world applications, the LOS Release/Assert time can be strongly influenced by the RC time constant of the AC-coupling cap and the 50Ω
input termination. To keep this time low, use a decoupling cap with the lowest value that is allowed by the data rate and the number of
consecutive identical bits in the application (typical values are in the range of 0.001µF to 1.0µF).


Similar Part No. - SY88053ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMG MICREL-SY88022ALMG Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMGTR MICREL-SY88022ALMGTR Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022LMG MICREL-SY88022LMG Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
More results

Similar Description - SY88053ALMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88063AL MICREL-SY88063AL Datasheet
397Kb / 11P
   3.3V, 12.5Gbps Limiting Post Amplifier with
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com