Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MFRC522 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. MFRC522
Description  Contactless reader IC
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC522 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MFRC522_10 Datasheet HTML 4Page - NXP Semiconductors MFRC522_10 Datasheet HTML 5Page - NXP Semiconductors MFRC522_10 Datasheet HTML 6Page - NXP Semiconductors MFRC522_10 Datasheet HTML 7Page - NXP Semiconductors MFRC522_10 Datasheet HTML 8Page - NXP Semiconductors MFRC522_10 Datasheet HTML 9Page - NXP Semiconductors MFRC522_10 Datasheet HTML 10Page - NXP Semiconductors MFRC522_10 Datasheet HTML 11Page - NXP Semiconductors MFRC522_10 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
8 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
The internal CRC coprocessor calculates the CRC value based on ISO/IEC 14443 A
part 3 and handles parity generation internally according to the transfer speed. Automatic
parity generation can be switched off using the MfRxReg register’s ParityDisable bit.
8.1 Digital interfaces
8.1.1 Automatic microcontroller interface detection
The MFRC522 supports direct interfacing of hosts using SPI, I2C-bus or serial UART
interfaces. The MFRC522 resets its interface and checks the current host interface type
automatically after performing a power-on or hard reset. The MFRC522 identifies the host
interface by sensing the logic levels on the control pins after the reset phase. This is done
using a combination of fixed pin connections. Table 5 shows the different connection
configurations.
Fig 6.
Data coding and framing according to ISO/IEC 14443 A
001aak585
ISO/IEC 14443 A framing at 106 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
odd
parity
start bit is 1
ISO/IEC 14443 A framing at 212 kBd, 424 kBd and 848 kBd
8-bit data
8-bit data
8-bit data
odd
parity
odd
parity
start
even
parity
start bit is 0
burst of 32
subcarrier clocks
even parity at the
end of the frame
Table 5.
Connection protocol for detecting different interface types
Pin
Interface type
UART (input)
SPI (output)
I2C-bus (I/O)
SDA
RX
NSS
SDA
I2C
001
EA
01EA
D7
TX
MISO
SCL
D6
MX
MOSI
ADR_0
D5
DTRQ
SCK
ADR_1
D4
-
-
ADR_2
D3
-
-
ADR_3
D2
-
-
ADR_4
D1
-
-
ADR_5


Similar Part No. - MFRC522_10

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
MFRC52201HN1/TRAYB NXP-MFRC52201HN1/TRAYB Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC52201HN1/TRAYBM NXP-MFRC52201HN1/TRAYBM Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
More results

Similar Description - MFRC522_10

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
   Contactless reader IC
Rev. 3.3-3 April 2012
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
STMicroelectronics
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
NXP Semiconductors
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz