Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC3220 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC3220
Description  16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3220 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC3220 Datasheet HTML 7Page - NXP Semiconductors LPC3220 Datasheet HTML 8Page - NXP Semiconductors LPC3220 Datasheet HTML 9Page - NXP Semiconductors LPC3220 Datasheet HTML 10Page - NXP Semiconductors LPC3220 Datasheet HTML 11Page - NXP Semiconductors LPC3220 Datasheet HTML 12Page - NXP Semiconductors LPC3220 Datasheet HTML 13Page - NXP Semiconductors LPC3220 Datasheet HTML 14Page - NXP Semiconductors LPC3220 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
LPC3220_30_40_50_1
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 01 — 6 February 2009
11 of 73
NXP Semiconductors
LPC3220/30/40/50
16/32-bit ARM microcontrollers
EMC_D[16]/
EMC_DQS0
V8
VDD_EMC
I/O: BK
EMC data bit 16
I/O: BK
DDR data strobe 0
EMC_D[17]/
EMC_DQS1
R9
VDD_EMC
I/O: BK
EMC data bit 17
I/O: BK
DDR data strobe 1
EMC_D[18]/
EMC_CLK
V9
VDD_EMC
I/O: P
EMC data bit 18
I/O: P
DDR inverted clock output
EMC_D[19]/P2[0]
U9
VDD_EMC
I/O: P
EMC data bit 19
I/O: P
Port 2 GPIO bit 0
EMC_D[20]/P2[1]
T9
VDD_EMC
I/O: P
EMC data bit 20
I/O: P
Port 2 GPIO bit 1
EMC_D[21]/P2[2]
V10
VDD_EMC
I/O: P
EMC data bit 21
I/O: P
Port 2 GPIO bit 2
EMC_D[22]/P2[3]
U10
VDD_EMC
I/O: P
EMC data bit 22
I/O: P
Port 2 GPIO bit 3
EMC_D[23]/P2[4]
T10
VDD_EMC
I/O: P
EMC data bit 23
I/O: P
Port 2 GPIO bit 4
EMC_D[24]/P2[5]
R10
VDD_EMC
I/O: P
EMC data bit 24
I/O: P
Port 2 GPIO bit 5
EMC_D[25]/P2[6]
V11
VDD_EMC
I/O: P
EMC data bit 25
I/O: P
Port 2 GPIO bit 6
EMC_D[26]/P2[7]
U11
VDD_EMC
I/O: P
EMC data bit 26
I/O: P
Port 2 GPIO bit 7
EMC_D[27]/P2[8]
T11
VDD_EMC
I/O: P
EMC data bit 27
I/O: P
Port 2 GPIO bit 8
EMC_D[28]/P2[9]
V12
VDD_EMC
I/O: P
EMC data bit 28
I/O: P
Port 2 GPIO bit 9
EMC_D[29]/P2[10]
V13
VDD_EMC
I/O: P
EMC data bit 29
I/O: P
Port 2 GPIO bit 10
EMC_D[30]/P2[11]
U12
VDD_EMC
I/O: P
EMC data bit 30
I/O: P
Port 2 GPIO bit 11
EMC_D[31]/P2[12]
V14
VDD_EMC
I/O: P
EMC data bit 31
I/O: P
Port 2 GPIO bit 12
EMC_DQM[0]
R3
VDD_EMC
O
SDRAM data mask 0 out
EMC_DQM[1]
P4
VDD_EMC
O
SDRAM data mask 1 out
EMC_DQM[2]
T1
VDD_EMC
O
SDRAM data mask 2 out
EMC_DQM[3]
P5
VDD_EMC
O
SDRAM data mask 3 out
EMC_DYCS0
R6
VDD_EMC
O
SDRAM active LOW chip select 0
EMC_DYCS1
G1
VDD_EMC
O
SDRAM active LOW chip select 1
EMC_OE
H1
VDD_EMC
O
EMC static memory output enable
EMC_RAS
T2
VDD_EMC
O
SDRAM row address strobe, active LOW
Table 4.
Pin description …continued
Symbol
Pin
Power supply
domain
Type
Description


Similar Part No. - LPC3220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3220 NXP-LPC3220 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC3220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3180 NXP-LPC3180 Datasheet
845Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 02-15 February 2007
LPC3180 PHILIPS-LPC3180 Datasheet
215Kb / 36P
   16/32-bit ARM microcontroller; hardware floating-point coprocessor, USB On-The-Go, and SDRAM memory interface
Rev. 01-2 June 2006
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
   16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
logo
Microchip Technology
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
NXP Semiconductors
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
   16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
logo
Digital Core Design
DFPMU DCD-DFPMU Datasheet
138Kb / 5P
   Floating Point Coprocessor
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
logo
Motorola, Inc
MC68881 MOTOROLA-MC68881 Datasheet
1Mb / 48P
   HCMOS Floating-Point Coprocessor
logo
Digital Core Design
DFPAU DCD-DFPAU Datasheet
137Kb / 5P
   Floating Point Arithmetic Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com