Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2939FBD208 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2939FBD208
Description  ARM9 microcontroller with CAN, LIN, and USB
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2939FBD208 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2939FBD208 Datasheet HTML 5Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 6Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 7Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 8Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 9Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 10Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 11Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 12Page - NXP Semiconductors LPC2939FBD208 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
LPC2939_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 7 April 2010
9 of 99
NXP Semiconductors
LPC2939
ARM9 microcontroller with CAN, LIN, and USB
P2[4]/MAT1[0]/
EI0/D12
94[1]
GPIO 2, pin 4
TIMER1 MAT0
EXTINT0
EXTBUS D12
P2[5]/MAT1[1]/
EI1/D13
95[1]
GPIO 2, pin 5
TIMER1 MAT1
EXTINT1
EXTBUS D13
P1[9]/SDO1/
RXDL1/CS1
96[1]
GPIO 1, pin 9
SPI1 SDO
LIN1 RXD/UART RXD
EXTBUS CS1
VSS(IO)
97
ground for I/O
P1[8]/SCS1[0]/
TXDL1/CS0
98[1]
GPIO 1, pin 8
SPI1 SCS0
LIN1 TXD/ UART TXD
EXTBUS CS0
P1[7]/SCS1[3]/RXD1/
A7
99[1]
GPIO 1, pin 7
SPI1 SCS3
UART1 RXD
EXTBUS A7
P1[6]/SCS1[2]/
TXD1/A6
100[1]
GPIO 1, pin 6
SPI1 SCS2
UART1 TXD
EXTBUS A6
P2[6]/MAT1[2]/
EI2/D14
101[1]
GPIO 2, pin 6
TIMER1 MAT2
EXTINT2
EXTBUS D14
P1[5]/SCS1[1]/
PMAT3[5]/A5
102[1]
GPIO 1, pin 5
SPI1 SCS1
PWM3 MAT5
EXTBUS A5
P1[4]/SCS2[2]/
PMAT3[4]/A4
103[1]
GPIO 1, pin 4
SPI2 SCS2
PWM3 MAT4
EXTBUS A4
TRST
104[1]
IEEE 1149.1 test reset NOT; active LOW; pulled up internally
RST
105[1]
asynchronous device reset; active LOW; pulled up internally
VSS(OSC)
106
ground for oscillator
XOUT_OSC
107[3]
crystal out for oscillator
XIN_OSC
108[3]
crystal in for oscillator
VDD(OSC_PLL)
109
1.8 V supply for oscillator and PLL
VSS(PLL)
110
ground for PLL
P2[7]/MAT1[3]/
EI3/D15
111[1]
GPIO 2, pin 7
TIMER1 MAT3
EXTINT3
EXTBUS D15
P3[14]/SDI1/
EI6/TXDC0
112[1]
GPIO 3, pin 14
SPI1 SDI
EXTINT6
CAN0 TXD
P3[15]/SCK1/
EI7/RXDC0
113[1]
GPIO 3, pin 15
SPI1 SCK
EXTINT7
CAN0 RXD
VDD(IO)
114
3.3 V power supply for I/O
P2[8]/CLK_OUT/
PMAT0[0]/SCS0[2]
115[1]
GPIO 2, pin 8
CLK_OUT
PWM0 MAT0
SPI0 SCS2
P2[9]/
USB_UP_LED1/
PMAT0[1]/SCS0[1]
116[1]
GPIO 2, pin 9
USB_UP_LED1
PWM0 MAT1
SPI0 SCS1
P1[3]/SCS2[1]/
PMAT3[3]/A3
117[1]
GPIO 1, pin 3
SPI2 SCS1
PWM3 MAT3
EXTBUS A3
P1[2]/SCS2[3]/
PMAT3[2]/A2
118[1]
GPIO 1, pin 2
SPI2 SCS3
PWM3 MAT2
EXTBUS A2
P1[1]/EI1/PMAT3[1]/
A1
119[1]
GPIO 1, pin 1
EXTINT1
PWM3 MAT1
EXTBUS A1
Table 3.
LQFP208 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3


Similar Part No. - LPC2939FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2939 NXP-LPC2939 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC2939FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
   ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2930 NXP-LPC2930 Datasheet
670Kb / 98P
   ARM9 flashless microcontroller with CAN, LIN, and USB
Rev. 03-16 April 2010
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
   ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
   PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com