Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2930FBD208 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2930FBD208
Description  ARM9 flashless microcontroller with CAN, LIN, and USB
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2930FBD208 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2930FBD208 Datasheet HTML 7Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 8Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 9Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 10Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 11Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 12Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 13Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 14Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
LPC2930_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
11 of 98
NXP Semiconductors
LPC2930
ARM9 microcontroller with CAN, LIN, and USB
P5[6]/D18/RI0
148[1]
GPIO 5, pin 6
EXTBUS D18
UART0 RI
-
P4[14]/BLS2
149[1]
GPIO 4, pin 14
EXTBUS BLS2
--
P0[5]/IN0[1]/
PMAT0[3]/D29
150[1]
GPIO 0, pin 5
ADC0 IN1
PWM0 MAT3
EXTBUS D29
P5[14]/
USB_SSPND1/RTS0
151[1]
GPIO 5, pin 14
USB_SSPND1
UART0 RS
-
VDD(IO)
152
3.3 V power supply for I/O
P0[6]/IN0[2]/
PMAT0[4]/D30
153[1]
GPIO 0, pin 6
ADC0 IN2
PWM0 MAT4
EXTBUS D30
P0[7]/IN0[3]/
PMAT0[5]/D31
154[1]
GPIO 0, pin 7
ADC0 IN3
PWM0 MAT5
EXTBUS D31
VDDA(ADC3V3)
155
3.3 V power supply for ADC
JTAGSEL
156[1]
TAP controller select input; LOW-level selects the ARM debug mode; HIGH-level selects
boundary scan; pulled up internally.
VDDA(ADC5V0)
157
5 V supply voltage for ADC0 and 5 V reference for ADC0.
VREFP
158[4]
HIGH reference for ADC
VREFN
159[4]
LOW reference for ADC
P0[8]/IN1[0]/TXDL0/
A20
160[5]
GPIO 0, pin 8
ADC1 IN0
LIN0 TXD/ UART TXD
EXTBUS A20
P0[9]/IN1[1]/
RXDL0/A21
161[5]
GPIO 0, pin 9
ADC1 IN1
LIN0 RXD/ UART TXD
EXTBUS A21
P0[10]/IN1[2]/
PMAT1[0]/A8
162[5]
GPIO 0, pin 10
ADC1 IN2
PWM1 MAT0
EXTBUS A8
P0[11]/IN1[3]/
PMAT1[1]/A9
163[5]
GPIO 0, pin 11
ADC1 IN3
PWM1 MAT1
EXTBUS A9
P2[14]/SDA1/
PCAP0[0]/BLS0
164[1]
GPIO 2, pin 14
I2C1 SDA
PWM0 CAP0
EXTBUS BLS0
P2[15]/SCL1/
PCAP0[1]/BLS1
165[1]
GPIO 2, pin 15
I2C1 SCL
PWM0 CAP1
EXTBUS BLS1
P3[2]/MAT3[0]/
PMAT2[2]/
USB_SDA1
166[1]
GPIO 3, pin 2
TIMER3 MAT0
PWM2 MAT2
USB_SDA1
VDD(CORE)
167
1.8 V power supply for digital core
VSS(CORE)
168
ground for digital core
VSS(IO)
169
ground for I/O
P4[3]/A11
170[1]
GPIO 4, pin 3
EXTBUS A11
-
-
P3[3]/MAT3[1]/
PMAT2[3]/
USB_SCL1
171[1]
GPIO 3, pin 3
TIMER3 MAT1
PWM2 MAT3
USB_SCL1
P5[3]/D11
172[1]
GPIO 5, pin 3
EXTBUS D11
-
-
P0[12]/IN1[4]/
PMAT1[2]/A10
173[5]
GPIO 0, pin 12
ADC1 IN4
PWM1 MAT2
EXTBUS A10
P4[19]/
USB_CONNECT2
174[1]
GPIO 4, pin 19
USB_CONNECT2
--
Table 3.
LQFP208 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3


Similar Part No. - LPC2930FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2930 NXP-LPC2930 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC2930FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
   ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
   ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
   PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com