Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2930FBD208 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2930FBD208
Description  ARM9 flashless microcontroller with CAN, LIN, and USB
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2930FBD208 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2930FBD208 Datasheet HTML 6Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 7Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 8Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 9Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 10Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 11Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 12Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 13Page - NXP Semiconductors LPC2930FBD208 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
LPC2930_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 16 April 2010
10 of 98
NXP Semiconductors
LPC2930
ARM9 microcontroller with CAN, LIN, and USB
VSS(CORE)
120
ground for digital core
VDD(CORE)
121
1.8 V power supply for digital core
P1[0]/EI0/
PMAT3[0]/A0
122[1]
GPIO 1, pin 0
EXTINT0
PWM3 MAT0
EXTBUS A0
P2[10]/USB_INT1
PMAT0[2]/SCS0[0]
123[1]
GPIO 2, pin 10
USB_INT1
PWM0 MAT2
SPI0 SCS0
P2[11]/
USB_RST1/
PMAT0[3]/SCK0
124[1]
GPIO 2, pin 11
USB_RST1
PWM0 MAT3
SPI0 SCK
P0[0]/PHB0/
TXDC0/D24
125[1]
GPIO 0, pin 0
QEI0 PHB
CAN0 TXD
EXTBUS D24
VSS(IO)
126
ground for I/O
P4[13]/BLS1
127[1]
GPIO 4, pin 13
EXTBUS BLS1
--
P0[1]/PHA0/
RXDC0/D25
128[1]
GPIO 0, pin 1
QEI 0 PHA
CAN0 RXD
EXTBUS D25
P5[13]/D25
129[1]
GPIO 5, pin 13
EXTBUS D25
-
-
P0[2]/CLK_OUT/
PMAT0[0]/D26
130[1]
GPIO 0, pin 2
CLK_OUT
PWM0 MAT0
EXTBUS D26
P4[2]/A10
131[1]
GPIO 4, pin 2
EXTBUS A10
-
-
VDD(IO)
132
3.3 V power supply for I/O
P5[2]/D10
133[1]
GPIO 5, pin 2
EXTBUS D10
-
-
P0[3]/
USB_UP_LED1/
PMAT0[1]/D27
134[1]
GPIO 0, pin 3
USB_UP_LED1
PWM0 MAT1
EXTBUS D27
P4[18]/
USB_UP_LED2
135[1]
GPIO 4, pin 18
USB_UP_LED2
--
P3[0]/IN0[6]/
PMAT2[0]/CS6
136[1]
GPIO 3, pin 0
ADC0 IN6
PWM2 MAT0
EXTBUS CS6
P4[10]/OE/CTS1
137[1]
GPIO 4, pin 10
EXTBUS OE
UART1 CTS
-
P3[1]/IN0[7/
PMAT2[1]/CS7
138[1]
GPIO 3, pin 1
ADC0 IN7
PWM2 MAT1
EXTBUS CS7
P5[10]/D22/DSR0
139[1]
GPIO 5, pin 10
EXTBUS D22
UART0 DSR
-
P2[12]/IN0[4]
PMAT0[4]/SDI0
140[1]
GPIO 2, pin 12
ADC0 IN4
PWM0 MAT4
SPI0 SDI
VDD(CORE)
141
1.8 V power supply for digital core
VSS(CORE)
142
ground for digital core
P4[22]/USB_PPWR2
143[1]
GPIO 4, pin 22
USB_PPWR2
--
VSS(IO)
144
ground for I/O
P2[13]/IN0[5]
PMAT0[5]/SDO0
145[1]
GPIO 2, pin 13
ADC0 IN5
PWM0 MAT5
SPI0 SDO
P4[6]/A20/RI1
146[1]
GPIO 4, pin 6
EXTBUS A20
UART1 RI
-
P0[4]/IN0[0]/
PMAT0[2]/D28
147[1]
GPIO 0, pin 4
ADC0 IN0
PWM0 MAT2
EXTBUS D28
Table 3.
LQFP208 pin assignment …continued
Pin name
Pin
Description
Function 0
(default)
Function 1
Function 2
Function 3


Similar Part No. - LPC2930FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2930 NXP-LPC2930 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC2930FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2927 NXP-LPC2927_10 Datasheet
637Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 04-14 April 2010
LPC2921 NXP-LPC2921 Datasheet
391Kb / 83P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 01-15 June 2009
LPC2921 NXP-LPC2921_10 Datasheet
571Kb / 84P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-14 April 2010
LPC2926 NXP-LPC2926 Datasheet
1Mb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 5-28 September 2010
LPC2939 NXP-LPC2939 Datasheet
2Mb / 99P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 03-7 April 2010
LPC2927 NXP-LPC2927 Datasheet
445Kb / 95P
   ARM9 microcontroller with CAN, LIN, and USB
Rev. 02-22 June 2009
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
   ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
LPC2917 PHILIPS-LPC2917 Datasheet
1Mb / 68P
   ARM9 microcontroller with CAN and LIN
Rev.1.01-15 November 2007
LPC2917 NXP-LPC2917 Datasheet
411Kb / 86P
   ARM9 microcontroller with CAN and LIN
Rev. 02-17 June 2009
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
   PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com