Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292PWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292PWP
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54292PWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54292PWP Datasheet HTML 5Page - Texas Instruments TPS54292PWP Datasheet HTML 6Page - Texas Instruments TPS54292PWP Datasheet HTML 7Page - Texas Instruments TPS54292PWP Datasheet HTML 8Page - Texas Instruments TPS54292PWP Datasheet HTML 9Page - Texas Instruments TPS54292PWP Datasheet HTML 10Page - Texas Instruments TPS54292PWP Datasheet HTML 11Page - Texas Instruments TPS54292PWP Datasheet HTML 12Page - Texas Instruments TPS54292PWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
11
GND
UDG-09124
5
EN1
6
EN2
10 mA
(max)
10 mA
(max)
Internal
Control
Output
Undervoltage
Detect
FB1
FB2
TSD
SD1
SD2
UVLO
2.4 MHz
Oscilator
Divide by
2/4/8
Ramp
Gen 1
Ramp
Gen 2
CLK1
CLK2
f(I
SLOPE1)
f(I
SLOPE2)
7
FB1
+
Soft Start
1
0.8 V
REF
SD1
8
COMP1
10
FB2
+
Soft Start
2
0.8 V
REF
SD2
9
COMP2
f(I
DRAIN1) + DC(ofst)
+
S
Q
Q
R
R
+
Current
Comparator
BP
2
1
3
Anti-Cross
Conduction
BP
CLK1
BOOT1
PVDD1
SW1
f(I
DRAIN1)
f(I
MAX1)
Overcurrent Comp
f(I
SLOPE1)
I
DRAIN1
FET
Switch
CLK1
4
PGND1
f(I
DRAIN2) + DC(ofst)
+
S
Q
Q
R
R
+
Current
Comparator
BP
15
16
14
Anti-Cross
Conduction
BP
CLK2
BOOT2
PVDD2
SW2
f(I
DRAIN2)
f(I
MAX2)
Overcurrent Comp
f(I
SLOPE2)
I
DRAIN2
FET
Switch
CLK2
13 PGND2
12
BP
5.25-V
Regulator
References
PVDD2
FET
Switch
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
BLOCK DIAGRAM
Figure 11. Block Diagram
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI1-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI1-TPS54292PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com