Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54291 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54291
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54291 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54291 Datasheet HTML 1Page - Texas Instruments TPS54291 Datasheet HTML 2Page - Texas Instruments TPS54291 Datasheet HTML 3Page - Texas Instruments TPS54291 Datasheet HTML 4Page - Texas Instruments TPS54291 Datasheet HTML 5Page - Texas Instruments TPS54291 Datasheet HTML 6Page - Texas Instruments TPS54291 Datasheet HTML 7Page - Texas Instruments TPS54291 Datasheet HTML 8Page - Texas Instruments TPS54291 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
2
3
4
16
15
14
13
PVDD2
BOOT2
SW2
PGND2
PVDD1
BOOT1
SW1
PGND1
TPS54290
5
6
7
12
11
10
BP
GND
FB2
EN1
EN2
FB1
V
OUT1
V
IN
UDG-09130
GND
8
9
COMP1
COMP2
V
OUT2
TPS54290, TPS54291, TPS54292
www.ti.com
SLUS973 – OCTOBER 2009
1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Check for Samples :TPS54290 TPS54291 TPS54292
1
FEATURES
APPLICATIONS
Set Top Box
2
4.5 V to 18 V Input Range
Digital TV
Output Voltage Range 0.8 V to DMAX × VIN
Power for DSP
Fully Integrated Dual Buck, 1.5 A/2.5 A
Consumer Electronics
Three Fixed Switching Frequency Versions:
TPS54290 – 300 kHz
DESCRIPTION
TPS54291 – 600 kHz
TPS54290/1/2 is a dual output fully synchronous buck
TPS54292 – 1.2 MHz
converter capable of supporting applications with a
Integrated UVLO
minimal number of external components. It operates
from a 4.5 V to 18 V input supply voltage, and
0.8 VREF With 1% Accuracy (0°C to 85°C)
supports output voltages as low as 0.8 V and as high
Internal Soft-Start
as 90% of the input voltage.
TPS54290 – 5.2 ms
Both high-side and low-side MOSFETs are integrated
TPS54291 – 2.6 ms
to provide fully synchronous conversion with higher
TPS54292 – 1.3 ms
efficiency. Channel1 can provide up to 1.5 A of
continuous current, meanwhile, Channel2 supports
Dual PWM Outputs 180° Out-of-Phase
up to 2.5 A.
Dedicated Enable for Each Channel
Current mode control simplifies the compensation.
Current Mode Control for Simplified
The external compensation adds flexibility for the
Compensation
user to choose different type of output capacitors.
External Compensation
180°
out-of-phase
operation
reduces
the
ripple
Pulse-by-Pulse Overcurrent Protection,
current through the input capacitor, providing the
2.2 A/3.8 A Overcurrent Limit
benefit of reducing input capacitance, alleviating EMI
Integrated Bootstrap Switch
and increasing capacitor life.
Thermal Shutdown Protection at 145°C
16-Pin PowerPAD™ HTSSOP Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54291 TI-TPS54291 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291 TI1-TPS54291 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291PWP TI-TPS54291PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291PWP TI1-TPS54291PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54291PWPR TI-TPS54291PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com