Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54290 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54290
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54290 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54290 Datasheet HTML 2Page - Texas Instruments TPS54290 Datasheet HTML 3Page - Texas Instruments TPS54290 Datasheet HTML 4Page - Texas Instruments TPS54290 Datasheet HTML 5Page - Texas Instruments TPS54290 Datasheet HTML 6Page - Texas Instruments TPS54290 Datasheet HTML 7Page - Texas Instruments TPS54290 Datasheet HTML 8Page - Texas Instruments TPS54290 Datasheet HTML 9Page - Texas Instruments TPS54290 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
0
–40
20
–25
35
–10
50
5
65
95 110 125
80
T
J – Junction Temperature – °C
0.2
0.4
1.2
0.6
1.4
0.8
1.0
f
SW = 600 kHz
f
SW = 1.2 MHz
f
SW = 300 kHz
2
0
–40
20
–25
35
–10
50
5
65
95 110 125
80
T
J – Junction Temperature – °C
3
1
5
6
4
f
SW = 300 kHz
f
SW = 600 kHz
f
SW = 1.2 MHz
2.00
–40
20
–25
35
–10
50
5
65
95 110 125
80
T
J – Junction Temperature – °C
2.25
2.75
4.25
3.25
4.50
3.75
Channel1
Channel2
2.50
3.00
3.50
4.00
–40
792
788
20
–25
35
–10
50
5
65
95 110 125
80
800
796
808
804
T
J – Junction Temperature – °C
790
798
794
806
802
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
SOFT START TIME
OSCILLATOR FREQUENCY
vs
vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
FEEDBACK VOLTAGE
CURRENT LIMIT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWP TI-TPS54290PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWP TI1-TPS54290PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290PWPR TI-TPS54290PWPR Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54290

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com