Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CRHBRG4 Datasheet(PDF) 37 Page - Texas Instruments

Part # TL16C752CRHBRG4
Description  DUAL UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CRHBRG4 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TL16C752CRHBRG4 Datasheet HTML 33Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 34Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 35Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 36Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 37Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 38Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 39Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 40Page - Texas Instruments TL16C752CRHBRG4 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
TL16C752C
www.ti.com .................................................................................................................................................... SLLS646A – MARCH 2008 – REVISED AUGUST 2009
Table 22. FIFO Ready Register
BIT NO.
BIT SETTINGS
0 = There are fewer than a TX trigger level number of spaces available in the TX FIFO of channel A.
0
1 = There are at least a TX trigger level number of spaces available in the TX FIFO of channel A.
0 = There are fewer than a TX trigger level number of spaces available in the TX FIFO of channel B.
1
1 = There are at least a TX trigger level number of spaces available in the TX FIFO of channel B.
3:2
Unused, always 0
0 = There are fewer than a RX trigger level number of characters in the RX FIFO of channel A.
4
1 = The RX FIFO of channel A has more than a RX trigger level number of characters available for reading or a timeout
condition has occurred.
0 = There are fewer than a RX trigger level number of characters in the RX FIFO of channel B.
5
1 = The RX FIFO of channel B has more than a RX trigger level number of characters available for reading or a timeout
condition has occurred.
7:6
Unused, always 0
The FIFORdy register is a read only register and can be accessed when any of the two UARTs are selected.
CSA or CSB = 0, MCR[2] (FIFORdy Enable) is a logic 1, and loopback is disabled. Its address is 111.
Alternate Function Register (AFR)
The alternate function register (AFR) is used to enable some extra functionality beyond the capabilities of the
original TL16C752B. The first of these is a concurrent write mode, which can be useful in more expediently
setting up all four UART channels. The second addition is the IrDA mode, which supports Standard IrDA (SIR)
mode with baud rates from 2400 to 115.2 bps. The third addition is support for RS-485 bus drivers or
transceivers by providing an output pin (DTRx) per channel, which is timed to keep the RS-485 driver enabled as
long as transmit data is pending.
The AFR is located at A[2:0] = 010 when LCR[7:5] = 100.
Table 23. Alternate Function Register (AFR) Bit Settings
BIT NO.
BIT SETTINGS
CONC enables the concurrent write of all four (754) or two (752) channels simultaneously, which helps speed up
0
initialization. Ensure that any indirect addressing modes have been enabled before using.
IREN enables the IrDA SIR mode. This mode is only specified to 115.2 bps and use of this mode at higher speeds is not
1
recommended.
485EN enables the half duplex RS-485 mode and causes the DTRx output to be set high whenever there is any data in
the THR or TSR and to be held high until the delay set by DLY3:0 has expired, at which time it will be set low. The DTRx
2
output is intended to drive the enabled input of an RS-485 driver. When this bit is set, the transmitter interrupts will be
held off until the TSR is empty, unless 485LG is set.
485LG is set when the 485EN is set. This bit indicates that a relatively large data block is being set, requiring more than
3
a single load of the xmt fifo. In this case, the transmitter interrupts occur as in the standard RS-232 mode, either when
the xmt fifo contents drop below the xmt threshold or when the xmt fifo is empty.
RCVEN is valid only when 485EN or IREN is set, and allows the serial receiver to listen in or snoop on the RS485 traffic
or IrDA traffic. RS485 mode is generally considered half duplex, and usually a node is either driving or receiving, but
there can be cases when it is advantageous to verify what you are sending. This can be used to detect collisions or as
part of an arbitration mechanism on the bus. When both RCVEN and 485EN are set, the receiver will store any data
presented on RX, if any. Note that implies that the external RS485 receiver is enabled. Whenever 485EN is cleared, the
serial receiver is enabled for normal full duplex RS232 traffic. If RCVEN is cleared while 485EN is set, the receiver will be
disabled while that channel is transmitting. Standard IrDA (SIR) is also considered half duplex. Often the light energy
4
from the transmitting LED is coupled back into the receiving PIN diode, which creates an input data stream that is not of
interest to the host. Disabling the receiver (clearing RCVEN) prevents this reception, and eliminates the task of unloading
the data. On the other hand, for diagnostic or other purposes, it may be useful to observe this data stream. For example,
a mirror could be used to intentionally couple the output LED to the input PIN. For these cases, RCVEN could be set to
enable the receiver.
NOTE: When RCVEN is cleared (set to 0), the character timeout interrupt is not available, even in RSA-232 mode. This
can be useful when checking code for valid threshold interrupts, as the timeout interrupt will not override the threshold
interrupt.
DLY3–DLY0 sets a delay after the last stop bit of the last data byte being set before the DTRx is set low, to allow for long
cable runs. The delay is in number of bit times and is enabled by 485EN. The delay will start only when both the xmt
7:5
serial shift register (TSR) is empty and the xmt fifo (THR) is empty, and if started, will be cleared by any data being
written to the THR.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com