Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLL Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # KSZ8873MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLL Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button KSZ8873MLL_09 Datasheet HTML 14Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 15Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 16Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 17Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 18Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 19Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 20Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 21Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 103 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2009
18
M9999-092309-1.2
100BASE-FX Signal Detection
In 100BASE-FX operation, FXSD (fiber signal detect), input pin 15 and 63, is usually connected to the fiber transceiver SD (signal
detect) output pin. The fiber signal threshold can be selected by register 192 bit 7 and 6 respectively for port 2 and port 1 , When
FXSD is less than the threshold, no fiber signal is detected and a far-end fault (FEF) is generated. When FXSD is over the
threshold, the fiber signal is detected.
Alternatively, the designer may choose not to implement the FEF feature. In this case, the FXSD input pin is tied high to force
100BASE-FX mode.
100BASE-FX signal detection is summarized in the following table:
Register 192 bit 7 (port 2), bit 6 (port 1)
Fiber Signal Threshold at FXSD
1
2.0V
0
1.2V
Table 1. FX Signal Threshold
To ensure proper operation, a resistive voltage divider is recommended to adjust the fiber transceiver SD output voltage swing to
match the FXSD pin’s input voltage threshold.
100BASE-FX Far-End Fault
A far-end fault (FEF) occurs when the signal detection is logically false on the receive side of the fiber transceiver. The KSZ8873FLL
detects a FEF when its FXSD input is Fiber Signal Threshold. When a FEF is detected, the KSZ8873FLL signals its fiber link partner
that a FEF has occurred by sending 84 1’s followed by a zero in the idle period between frames.
By default, FEF is enabled. FEF can be disabled through register setting.
10BASE-T Transmit
The 10BASE-T driver is incorporated with the 100BASE-TX driver to allow for transmission using the same magnetics. They are
internally wave-shaped and pre-emphasized into outputs with a typical 2.3V amplitude. The harmonic contents are at least 27dB
below the fundamental frequency when driven by an all-ones Manchester-encoded signal.
10BASE-T Receive
On the receive side, input buffers and level detecting squelch circuits are employed. A differential input receiver circuit and a phase-
locked loop (PLL) perform the decoding function. The Manchester-encoded data stream is separated into clock signal and NRZ data.
A squelch circuit rejects signals with levels less than 400mV or with short pulse widths to prevent noise at the RXP-or-RXM input from
falsely triggering the decoder. When the input exceeds the squelch limit, the PLL locks onto the incoming signal and the
KSZ8873MLL/FLL/RLL decodes a data frame. The receiver clock is maintained active during idle periods in between data reception.
MDI/MDI-X Auto Crossover
To eliminate the need for crossover cables between similar devices, the KSZ8873MLL/FLL/RLL supports HP Auto MDI/MDI-X and
IEEE 802.3u standard MDI/MDI-X auto crossover. HP Auto MDI/MDI-X is the default.
The auto-sense function detects remote transmit and receive pairs and correctly assigns transmit and receive pairs for the
KSZ8873MLL/FLL/RLL device. This feature is extremely useful when end users are unaware of cable types, and also, saves on an
additional uplink configuration connection. The auto-crossover feature can be disabled through the port control registers, or MIIM PHY
registers.
The IEEE 802.3u standard MDI and MDI-X definitions are:
MDI
MDI-X
RJ-45 Pins
Signals
RJ-45 Pins
Signals
1
TD+
1
RD+
2
TD-
2
RD-
3
RD+
3
TD+
6
RD-
6
TD-
Table 2. MDI/MDI-X Pin Definitions


Similar Part No. - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com