Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLL Datasheet(PDF) 68 Page - Micrel Semiconductor

Part # KSZ8873MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLL Datasheet(HTML) 68 Page - Micrel Semiconductor

Back Button KSZ8873MLL_09 Datasheet HTML 64Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 65Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 66Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 67Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 68Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 69Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 70Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 71Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 72Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2009
68
M9999-092309-1.2
Register 102 (0x66): TOS Priority Control Register 6
Bit
Name
R/W
Description
Default
7-6
DSCP[55:54]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x6C.
00
5-4
DSCP[53:52]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x68.
00
3-2
DSCP[51:50]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x64.
00
1-0
DSCP[49:48]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x60.
00
Register 103 (0x67): TOS Priority Control Register 7
Bit
Name
R/W
Description
Default
7-6
DSCP[63:62]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x7C.
00
5-4
DSCP[61:60]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x78.
00
3-2
DSCP[59:58]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x74.
00
1-0
DSCP[57:56]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x70.
00
Register 104 (0x68): TOS Priority Control Register 8
Bit
Name
R/W
Description
Default
7-6
DSCP[71:70]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x8C.
00
5-4
DSCP[69:68]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x88.
00
3-2
DSCP[67:66]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x84.
00
1-0
DSCP[65:64]
R/W
The value in this field is used as the frame’s priority when
bits [7:2] of the frame’s IP TOS/DiffServ/Traffic Class value
is 0x80.
00


Similar Part No. - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com