Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLL Datasheet(PDF) 51 Page - Micrel Semiconductor

Part # KSZ8873MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLL Datasheet(HTML) 51 Page - Micrel Semiconductor

Back Button KSZ8873MLL_09 Datasheet HTML 47Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 48Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 49Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 50Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 51Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 52Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 53Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 54Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 55Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2009
51
M9999-092309-1.2
Register 3 (0x03): Global Control 1
Bit
Name
R/W
Description
Default
7
Pass All
Frames
R/W
=1, Switch all packets including bad ones. Used solely for
debugging purposes. Works in conjunction with sniffer mode only.
0
6
Port 3 Tail Tag
Mode Enable
R/W
=1, Enable port 3 tail tag mode.
=0, Disable.
0
5
IEEE 802.3x
Transmit
Direction Flow
Control Enable
R/W
=1, Will enable transmit direction flow control feature.
=0, Will not enable transmit direction flow control feature. Switch
will not generate any flow control (PAUSE) frame.
1
4
IEEE 802.3x
Receive
Direction Flow
Control Enable
R/W
=1, Will enable receive direction flow control feature.
=0, Will not enable receive direction flow control feature. Switch will
not react to any flow control (PAUSE) frame it receives.
1
3
Frame Length
Field Check
R/W
=1, Will check frame length field in the IEEE packets. If the actual
length does not match, the packet will be dropped (for Length/Type
field < 1500).
=0, Not check
1
2
Aging Enable
R/W
=1, Enable age function in the chip
=0, Disable age function in the chip
0
1
Fast Age
Enable
R/W
=1, Turn on fast age (800us)
0
0
Aggressive
Back-off
Enable
R/W
=1, Enable more aggressive back off algorithm in half duplex mode
to enhance performance. This is not an IEEE standard.
0
Register 4 (0x04): Global Control 2
Bit
Name
R/W
Description
Default
7
Unicast
Port-VLAN
Mismatch
Discard
R/W
This feature is used with port-VLAN (described in reg. 17, reg. 33,
…)
=1, All packets can not cross VLAN boundary
=0, Unicast packets (excluding unkown/multicast/ broadcast) can
cross VLAN boundary
Note: Port mirroring is not supported if this bit is set to “0”.
1
6
Multicast
Storm
Protection
Disable
R/W
=1, “Broadcast Storm Protection” does not include multicast packets.
Only DA = FF-FF-FF-FF-FF-FF packets will be regulated.
=0, “Broadcast Storm Protection” includes
DA = FF-FF-FF-
FF-FF-FF and DA[40] = 1 packets.
1
5
Back Pressure
Mode
R/W
=1, Carrier sense based backpressure is selected
=0, Collision based backpressure is selected
1
4
Flow Control
and Back
Pressure Fair
Mode
R/W
=1, Fair mode is selected. In this mode, if a flow control port and a
non-flow control port talk to the same destination port, packets from
the non-flow control port may be dropped. This is to prevent the flow
control port from being flow controlled for an extended period of
time.
=0, In this mode, if a flow control port and a non-flow control port talk
to the same destination port, the flow control port will be flow
controlled. This may not be “fair” to the flow control port.
1
3
No Excessive
Collision Drop
R/W
=1, The switch will not drop packets when 16 or more collisions
occur.
=0, The switch will drop packets when 16 or more collisions occur.
0


Similar Part No. - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com