Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8873MLL Datasheet(PDF) 44 Page - Micrel Semiconductor

Part # KSZ8873MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ8873MLL Datasheet(HTML) 44 Page - Micrel Semiconductor

Back Button KSZ8873MLL_09 Datasheet HTML 40Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 41Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 42Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 43Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 44Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 45Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 46Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 47Page - Micrel Semiconductor KSZ8873MLL_09 Datasheet HTML 48Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
Micrel, Inc.
KSZ8873MLL/FLL/RLL
September 2009
44
M9999-092309-1.2
MII Management (MIIM) Registers
The MIIM interface is used to access the MII PHY registers defined in this section. The SPI, I
2C, and SMI interfaces can
also be used to access some of these registers. The latter three interfaces use a different mapping mechanism than the
MIIM interface.
The “PHYADs” by defaults are assigned “0x1” for PHY1 (port 1) and “0x2” for PHY2 (port 2).
Additionally, these
“PHYADs” can be programmed to the PHY addresses specified in bits[7:3] of Register 15 (0x0F): Global Control 13.
The “REGAD” supported are 0x0-0x5, 0x1D and 0x1F.
Register Number
Description
PHYAD = 0x1, REGAD = 0x0
PHY1 Basic Control Register
PHYAD = 0x1, REGAD = 0x1
PHY1 Basic Status Register
PHYAD = 0x1, REGAD = 0x2
PHY1 Physical Identifier I
PHYAD = 0x1, REGAD = 0x3
PHY1 Physical Identifier II
PHYAD = 0x1, REGAD = 0x4
PHY1 Auto-Negotiation Advertisement Register
PHYAD = 0x1, REGAD = 0x5
PHY1 Auto-Negotiation Link Partner Ability Register
PHYAD = 0x1, 0x6 – 0x1C
PHY1 Not supported
PHYAD = 0x1, 0x1D
PHY1 Not supported
PHYAD = 0x1, 0x1E
PHY1 Not supported
PHYAD = 0x1, 0x1F
PHY1 Special Control/Status
PHYAD = 0x2, REGAD = 0x0
PHY2 Basic Control Register
PHYAD = 0x2, REGAD = 0x1
PHY2 Basic Status Register
PHYAD = 0x2, REGAD = 0x2
PHY2 Physical Identifier I
PHYAD = 0x2, REGAD = 0x3
PHY2 Physical Identifier II
PHYAD = 0x2, REGAD = 0x4
PHY2 Auto-Negotiation Advertisement Register
PHYAD = 0x2, REGAD = 0x5
PHY2 Auto-Negotiation Link Partner Ability Register
PHYAD = 0x2, 0x6 – 0x1C
PHY2 Not supported
PHYAD = 0x2, 0x1D
PHY2 LinkMD Control/Status
PHYAD = 0x2, 0x1E
PHY2 Not supported
PHYAD = 0x2, 0x1F
PHY2 Special Control/Status


Similar Part No. - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLAM MICREL-KSZ8873MLLAM Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLI MICREL-KSZ8873MLLI Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results

Similar Description - KSZ8873MLL_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8893MQL MICROCHIP-KSZ8893MQL Datasheet
2Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
DS00002897A 1-3-19
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_13 Datasheet
1Mb / 115P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MQLI MICREL-KSZ8893MQLI Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KS8993M MICREL-KS8993M_11 Datasheet
1Mb / 86P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLLJ MICREL-KSZ8873MLLJ Datasheet
1Mb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893MBL MICREL-KSZ8893MBL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8873MLL MICREL-KSZ8873MLL_11 Datasheet
842Kb / 108P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com