Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2PWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3110D2PWPR
Description  15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3110D2PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3110D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 14Page - Texas Instruments TPA3110D2PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VCC − Supply Voltage − V
0
5
10
15
20
25
6
8
10
12
14
16
18
G017
THD = 10%
THD = 1%
Gain = 20 dB
ZL = 4 Ω + 33 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
G018
VCC = 12 V
VCC = 18 V
VCC = 24 V
Gain = 20 dB
ZL = 8 Ω + 66 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G032
VCC = 12 V
VCC = 18 V
VCC = 24 V
Gain = 20 dB
LC Filter = 22
µH + 0.68 µF
RL = 8 Ω
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
G019
VCC = 12 V
VCC = 18 V
Gain = 20 dB
ZL = 6 Ω + 47 µH
TPA3110D2
www.ti.com................................................................................................................................................. SLOS528A – JULY 2009 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at ti.com.)
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE (BTL)
OUTPUT POWER (BTL)
Note: Dashed Lines represent thermally limited regions.
Note: Dashed Lines represent thermally limited regions.
Figure 18.
Figure 19.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (BTL with LC FILTER)
OUTPUT POWER (BTL)
Note: Dashed Lines represent thermally limited regions.
Figure 20.
Figure 21.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPA3110D2


Similar Part No. - TPA3110D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWPR TI-TPA3110D2PWPR Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWPR TI1-TPA3110D2PWPR Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2PWPR TI1-TPA3110D2PWPR Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
More results

Similar Description - TPA3110D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com