Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CIRHBRG4 Datasheet(PDF) 18 Page - Texas Instruments

Part # TL16C752CIRHBRG4
Description  DUAL UART WITH 64-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CIRHBRG4 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL16C752CIRHBRG4 Datasheet HTML 14Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 15Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 16Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 17Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 18Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 19Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 20Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 21Page - Texas Instruments TL16C752CIRHBRG4 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
TL16C752C
SLLS646A – MARCH 2008 – REVISED AUGUST 2009 .................................................................................................................................................... www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6
V
VI
Input voltage range
–0.5
VCC + 0.5
V
VO
Output voltage range
–0.5
VCC + 0.5
V
TL16C752C
0
70
TA
Operating free-air temperature range
°C
TL16C752CI
–40
85
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Table 7. TYPICAL PACKAGE THERMAL RESISTANCE
DATA
PACKAGE
32-pin QFN RHB
θJA = xx°C/W
θJC = xx°C/W
48-pin TQFP PFB
θJA = xx°C/W
θJC = xx°C/W
Table 8. TYPICAL PACKAGE WEIGHT
PACKAGE
WEIGHT IN GRAMS
32-pin QFN RHB
0.25
48-pin TQFP PFB
0.30
RECOMMENDED OPERATING CONDITIONS, VCC = 1.8 V ±10%
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
1.62
1.8
1.98
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
1.4
1.98
V
VIL
Low-level input voltage
–0.3
0.4
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
0.5
mA
IOL
Low-level output current
All outputs
1
mA
Oscillator/clock speed
16
MHz
RECOMMENDED OPERATING CONDITIONS, VCC = 2.5 V ±10%
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.25
2.5
2.75
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
1.8
2.75
V
VIL
Low-level input voltage
–0.3
0.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
All outputs
1
mA
IOL
Low-level output current
All outputs
2
mA
Oscillator/clock speed
24
MHz
18
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CIRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CIRHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com