Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCR16.0M6 Datasheet(PDF) 2 Page - TDK Electronics

Part # FCR16.0M6
Description  Ceramic Resonators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FCR16.0M6 Datasheet(HTML) 2 Page - TDK Electronics

  FCR16.0M6 Datasheet HTML 1Page - TDK Electronics FCR16.0M6 Datasheet HTML 2Page - TDK Electronics FCR16.0M6 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(1/2)
002-01 / 20070815 / ef32_fcr.fm
• All specifications are subject to change without notice.
Ceramic Resonators(Lead)
FCR Series
FEATURES
• The FCR series are samll leaded ceramic resonators that used
thickness shear mode or 3rd over tone thickness mode element
of piezo ceramics with both 3.45 to 10.0MHz and 16.0 to
50.0MHz.
• The products with built-in capacitances have a dielectric element
formed two capacities. This eliminates the external loading
capacitors, thus simplifying circuit requirements.
• Optimization of the temperature characteristics of both the
piezoelectric materials and dielectric materials has resulted in
stable oscillating frequency.
• Ammo packing is available for various automatic insert machine
(1500pieces/box). Short lead type and L-bend lead type are also
available, please contact TDK.
• Setting or matching of oscillating circuit condition which corre-
spond to new models IC, application IC or custom IC are avail-
able, please contact TDK.
• The products don’t contain Lead at solder of internal joint and
solder plating oflead wire. You can use both Pb free solder (Sn-
3Ag-0.5Cu) and Sn-Pb eutectic solder on your production.
TEMPERATURE RANGES
OSCILLATING FREQUENCY DRIFT OVER TEMPERATURE
±0.3%/–40 to +85°C(Standard)
OSCILLATING FREQUENCY AGING
±0.3%/10years(Standard)
SHAPES AND DIMENSIONS
FCR
∗∗.∗MC5
FCR
∗∗.∗M5
BUILT-IN LOADING TYPE
EXTERNAL LOADING TYPE
FCR
∗∗.∗M6
EXTERNAL LOADING TYPE
PRODUCT IDENTIFICATIONS
(1) Series name
(2) Oscillating frequency
(3) Production type and dimensions
(4) Initial oscillating frequency tolerance
(5) Oscillating frequency correlation
(6) Loading capacitance
(7) Products thickness
(8) Packaging style and lead length
Conformity to RoHS Directive
Operating/Storage
–40 to +85°C
9.5max.
5
±0.5
5max.
ø0.55
±0.1
∗.∗M
TDK
9.5max.
5max.
2.5
±0.3 2.5±0.3
ø0.55
±0.1
∗.∗MC
TDK
6.0max.
4max.
184
Dimensions in mm
FCR 4.0 MC5
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
FCR
Ceramic resonator (lead)
Symbol
Oscillating frequency range
Loading capacitors
M5
3.45 to 10.0 MHz
External
MC5
3.45 to 10.0 MHz
Internal
M6
16.0 to 50.0 MHz
External
Non
±0.5%
±0.5%
±0.5%
A±0.3%
±0.3%
Others
Custom made
Non
Non correlation for TDK Standard
F
Custom made
F1
Custom made
F2
Custom made
Others
Custom made
Non
Standard
N
Custom made
Others
Custom made
Symbol
Packaging style
Lead length
Non
Bulk (500pieces)
Standard
(5mm)
M
Bulk (500pieces)
3.1mm
M3
Bulk (500pieces)
3.0mm
T
Taping
(Ammo pack 16mm height,1500pieces)
T3
Taping
(Ammo pack 18mm height,1500pieces)
Others
Custom made
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - FCR16.0M6

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCR16 HOKURIKU-FCR16 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
FCR16-100JB HOKURIKU-FCR16-100JB Datasheet
248Kb / 2P
   Flat Type Chip Fuse Resistor
FCR16-100JE HOKURIKU-FCR16-100JE Datasheet
248Kb / 2P
   Flat Type Chip Fuse Resistor
FCR16-100JV HOKURIKU-FCR16-100JV Datasheet
248Kb / 2P
   Flat Type Chip Fuse Resistor
More results

Similar Description - FCR16.0M6

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
CCR20.0MUC8T TDK-CCR20.0MUC8T Datasheet
112Kb / 7P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
   CERAMIC RESONATORS
POC RALTRON-POC Datasheet
34Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com