Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

944U101K122ACI Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 944U101K122ACI
Description  Polypropylene Film Capacitors for DC Filtering
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944U101K122ACI Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  944U101K122ACI Datasheet HTML 1Page - Cornell Dubilier Electronics 944U101K122ACI Datasheet HTML 2Page - Cornell Dubilier Electronics 944U101K122ACI Datasheet HTML 3Page - Cornell Dubilier Electronics 944U101K122ACI Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier
1605 E. Rodney French Blvd.New Bedford, MA 02740Phone: (508)996-8561Fax: (508)996-3830 www.cde.com
Type 944U Polypropylene Film Capacitors for DC Filtering
To use the Expected Lifetime curves calculate Va ⁄Vr and core
temperature T. Start by estimating:
Applied dc voltage Va
Ripple Current I
Ripple Frequency f
Ambient Temperature Ta
Airflow speed v
Units:
A=m²
T, Ta & Tc=°C
C=μF
θ
, θca & θcc =°C/W
ESR=mΩ
v=m/s
f=kHz
Va &Vr=Vdc
I=A
NOTE: The temperature rise in the 944U is I²(ESR) times the
thermal resistance θ. The ESR is mainly the metal resistance;
the metal resistance is the 10 kHz ESR. For operation below
10kHz add the dielectric resistance. It is the dielectric
dissipation factor—no more than 0.0002—times the capacitive
reactance, i.e., 0.0002 ⁄(2πfC).
That’s equal to 31.83 ⁄(fC).
1. Start with the 10 kHz ESR from the Ratings table. If frequency
is less than 10 kHz, add 31.83 ⁄(fC).
2. Compute total thermal resistance θ as the sum of core-to-case
thermal resistance θcc and case-to-ambient thermal resistance
θ
ca. Both are in the Ratings table but θca is for still air and θcc
is for 10 kHz or less. For frequency > 10 kHz multiply θcc by
[1+(f –10)/100], e.g., for 75 kHz multiply θcc by 1.65. For moving
air use the capacitor surface area A and airflow speed v to calculate
θ
ca = 1 ⁄[A(5+17.5(v+0.1)0.66)].
3. Compute Va ⁄Vr and the core temperature T.
T = Ta + I²(ESR)θ
4. Look up estimated lifetime from the Expected Lifetime curves.
5. If you want a longer expected lifetime, choose a capacitor with
higher voltage rating or consider using multiple capacitors in
parallel to share the ripple current.
Expected Lifetime Predictions
Permissible Voltage Surge Duty for 100,000 Hour
Life Expectancy at 50 ºC Core Temperature
Factor
Duration
Frequency
1.67x
t≤ 100 ms
1x/day
1.50x
t≤ 5 minutes
1x/day
1.30x
t≤ 2.5 hours
1x/day
1.10x
t≤ 9.6 hours
1x/day
1.00x
balance (11.9 h)
1x/day


Similar Part No. - 944U101K122ACI

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
944U101K122AC CDE-944U101K122AC Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
More results

Similar Description - 944U101K122ACI

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930_15 Datasheet
143Kb / 5P
   Metallized Polypropylene Capacitors for DC Filtering
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB138DS JIANGHAI-CBB138DS Datasheet
404Kb / 4P
   Polypropylene Film Capacitors for DC-Link Application
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB131DL JIANGHAI-CBB131DL Datasheet
1Mb / 8P
   Polypropylene Film Capacitors for DC-Link Applications
logo
Vishay Siliconix
MKP1847H VISHAY-MKP1847H Datasheet
246Kb / 14P
   THB AC Filtering Metalized Polypropylene Film Capacitor
logo
Cornell Dubilier Electr...
ACF CDE-ACF Datasheet
222Kb / 3P
   Type ACF, Metallized Polypropylene Capacitors for AC Filtering
logo
Vishay Siliconix
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
logo
Illinois Capacitor, Inc...
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com