Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR22.58MXC7T Datasheet(PDF) 2 Page - TDK Electronics

Part # CCR22.58MXC7T
Description  Ceramic Resonators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCR22.58MXC7T Datasheet(HTML) 2 Page - TDK Electronics

  CCR22.58MXC7T Datasheet HTML 1Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 2Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 3Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 4Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 5Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 6Page - TDK Electronics CCR22.58MXC7T Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(1/6)
004-04 / 20090305 / ef31_ccr.fm
• All specifications are subject to change without notice.
Ceramic Resonators(SMD)
CCR Series
FEATURES
• The CCR series are thin-type ceramic chip resonators. Thick-
ness shear mode or 3rd over-tone thickness expansion mode
element are used for both the 4.0 to 11.0MHz band and the 16.0
to 50.0MHz band.
• Products with built-in loading capacitance have piezoelectric ele-
ments that are mounted onto a capacity-forming dielectric sub-
strate.
This eliminates the need for external capacitors, thus simplifying
circuit requirements.
• Optimization of the temperature characteristics of both the
piezoelectric element and dielectric materials has resulted in
stable oscillating frequency.
• Corresponds to reflow soldering. Moreover, it is possible to cor-
respond Pb-free soldering.(260°C,10sec. max.)
Packaging style is emboss taping.
• Setting or matching of oscillating frequency which correspond to
new models, application IC or custom IC are also available,
please contact TDK.
TEMPERATURE RANGES
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
PRODUCT IDENTIFICATIONS
(1) Series name
(2) Oscillating frequency
(3) Production type and dimensions
(4) Initial oscillating frequency tolerance
(5) Oscillating frequency correlation
(6) Built-in loading capacitance
(7) Product’s thickness
(8) Taping style
Conformity to RoHS Directive
Operating/Storage
–40 to +85°C
Preheating: 90±30s
250˚C
230˚C
180˚C
Time(s)
40±10s
10s max.
CCR
20.0
MXC7
T
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
CCR
Ceramic resonator(SMD)
Symbol
Oscillating
frequency range
(MHz)
Loading capaci-
tors
Dimensions
L
× W
(mm)
MUC8
4.0 to 7.99
Internal
4.0
× 2.0
MXC8
8.0 to 11.0
Internal
3.2
× 1.3
MX7
16.0 to 50.0
External
2.5
× 2.0
MXC7
16.0 to 50.0
Internal
2.5
× 2.0
MYC7
24.0 to 50.0
Internal
2.0
× 1.6
Symbol
MUC8
MXC8
MXC7/MX7/MYC7
Non
±0.5%
±0.5%
±0.5%
A
±0.3%
±0.3%
±0.3%
A2
±0.2%
A15
±0.15%
Others
Custom made
Non
Non correlation for TDK standard
F
Custom made
F1
Custom made
F2
Custom made
Others
Custom made
Symbol
MUC8
MXC8
MXC7
Non
Standard(27pF)
Standard(18pF)
Standard(8/9pF)
J
11.5pF
J1
6/4pF
J2
2pF
Others
Custom made
Non
Standard
N
Custom made
N1
Custom made
N2
Custom made
Others
Custom made
Symbol
MUC8
MXC8
MXC7/MX7
MYC7
T
2,000pieces/
reel
(ø180mm)
2,000pieces/
reel
(ø180mm)
2,000pieces/
reel
(ø180mm)
T1
3,000pieces/
reel
(ø180mm)
3,000pieces/
reel
(ø180mm)
T2
4,000pieces/
reel
(ø180mm)
T3
10,000pieces/
reel
(ø330mm)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - CCR22.58MXC7T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCR22.58MXC7T TDK-CCR22.58MXC7T Datasheet
101Kb / 6P
   Ceramic ResonatorsSMD CCR Series
More results

Similar Description - CCR22.58MXC7T

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
   CERAMIC RESONATORS
POC RALTRON-POC Datasheet
34Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com