Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR08540M3-01 Datasheet(PDF) 4 Page - TDK Electronics

Part # SDR08540M3-01
Description  Electromagnetic Buzzers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SDR08540M3-01 Datasheet(HTML) 4 Page - TDK Electronics

  SDR08540M3-01 Datasheet HTML 1Page - TDK Electronics SDR08540M3-01 Datasheet HTML 2Page - TDK Electronics SDR08540M3-01 Datasheet HTML 3Page - TDK Electronics SDR08540M3-01 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(3/3)
005-02 / 20070807 / ec211_sdr.fm
• All specifications are subject to change without notice.
SAFETY PRECAUTIONS FOR USING TDK ELECTROMAGNETIC BUZZER
Please be sure to read the specifications of TDK Electromagnetic Buzzer(hereinafter referred to as “the buzzer”) before use.
• Please pay sufficient attentions to the warnings for safe
designing when using the buzzer.
Incorrect usage may cause smoke or fire.
• Do not make sound on the buzzer when it is close to ears.
Listening to the buzzer when it is close to ears, or continuant lis-
tening to it for an extended period, may result in hearing disor-
ders.
Thoroughly warn consumers not to turn on the sound when the
buzzer is close to ears.
• Do not exceed the rated operation voltage range when using the
buzzer.
If it is exceeded beyond the rated operation voltage, a built-in coil
may generate heat, resulting in deterioration of the coil, which
may cause a drop in sound pressure or a change in the terminal
resistance value.
If a rare short circuit occurs due to heat generated in the built-in
coil, a large electrical current flows to the equipment used, pos-
sibly causing it to emit smoke or fire.
• The buzzer is a magnetic type sounder.
Do not use it for any other purpose than a sound generation.
• Do not use the buzzer in other than atmospheric air.
• Do not use the buzzer in the following environments (excluding
cases in which countermeasures are taken).
• Corrosive gases (Cl2, NH3, SOx, NOx, etc.)
• Places to be exposed to dust.
• Places where rain, fog, salt water, and the like will get on the
buzzer.
• After installing the buzzer when designing an apparatus, confirm
that there are no abnormalities by performing a reliability
evaluation test.
• Do not exceed the rated operating temperature range when
using the buzzer.
• Do not use for an extended period at relative humidity in excess
of 90% (maximum wet-bulb temperature of 38°C).
• When using the buzzer for a safety device or warning device,
take all surest measures such as providing a safety circuit or the
joint use of another sounder with equivalent characteristics in
order to prevent accidents.
• The buzzer may be influenced by electromagnetic waves,
voltage changes, and ripple voltage.
Check the buzzer in the mounted condition, and take measures
such as safety circuits, shielding, etc.
• If the buzzer is molded or secured by adhesives, thermal
expansion stresses from the mold or adhesive agent may cause
deterioration in a soldered terminal part.
Before molding or securing an adhesive, consider the type,
amount, hardening conditions, adhesive properties, etc., of the
sealing material, and confirm the reliability.
• Do not apply vibrations or shocks (such as dropping) larger than
the specified.
• Do not bend the terminal pin when soldering to install on a circuit
board.
• Do not apply larger than the specified force to the terminal pin.
• Do not apply force to the terminal pin at high temperatures
(when soldering).
• When soldering a terminal pin, perform the soldering in clean
conditions without contamination or rust in order to avoid poor
connections.
• When performing dip soldering directly for installing on a printed
circuit board, be careful so that smoke from the flux, or other
foreign materials, will not get into the sound emission hole.
• Do not clean(excluding products that can be cleaned).
• With regards to devices in which the consumers can touch the
buzzer, thoroughly warn consumers not to put foreign materials
(such as needles, hairpins, garbage, etc.) into the sound
emission hole.
• As the buzzer uses a coil, it has an inductive load.
Protect the drive circuit by putting the diodes in parallel into the
buzzer.
• Do not reconfigure the buzzer.
• Sound pressure changes depending on the shape of the part to
be installed in a device, or the installation location.
Check the buzzer in the mounted condition.
• The buzzer has polarities.
When installing, be careful not to make a mistake with the polar-
ities. Incorrect polarities will cause the following irregularities.
• Without circuit type: Differences in sound pressure will be
created.
• With circuit type: No sound will be generated.
• Frequencies other than the rated frequency will change the
characteristics (sound pressure), and may cause wide
unevenness.
• As the buzzer uses a magnet, it generates a surrounding
magnetic field.
When designing a device, etc., confirm that there are no irregu-
larities due to the magnetic field.
• The characteristics of the buzzer may change because of the
influence of an outside magnetic field.
Check the buzzer in the mounted condition, and take measures
such as shielding, etc.
• Because of deterioration or damage, maintain in rated storage
temperature range, avoid environments where there are sudden
temperature changes, direct sunlight, corrosive gases and dust,
and store wrapped in order to avoid applying stresses.
RECOMMENDED OPERATING CIRCUIT EXAMPLE
VCC
Buzzer
R
Q
Oscillator
circuit


Similar Part No. - SDR08540M3-01

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0805 BOURNS-SDR0805 Datasheet
169Kb / 2P
   SMD Power Inductors
SDR0805 BOURNS-SDR0805 Datasheet
134Kb / 2P
   SMD Power Inductors
SDR0805-100ML BOURNS-SDR0805-100ML Datasheet
169Kb / 2P
   SMD Power Inductors
SDR0805-100ML BOURNS-SDR0805-100ML Datasheet
134Kb / 2P
   SMD Power Inductors
SDR0805-101KL BOURNS-SDR0805-101KL Datasheet
169Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR08540M3-01

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SD1209T3-A1 TDK-SD1209T3-A1 Datasheet
73Kb / 5P
   Electromagnetic Buzzers
PS1240P02BT TDK-PS1240P02BT Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
PS1420P02AT TDK-PS1420P02AT Datasheet
163Kb / 8P
   Piezoelectronic Buzzers
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
logo
Dubilier
HJ50-110V-P DUBILIER-HJ50-110V-P Datasheet
60Kb / 1P
   SOUNDERS MECHANICAL BUZZERS
logo
Murata Manufacturing Co...
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com