Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCR16.93MXC7T Datasheet(PDF) 6 Page - TDK Electronics

Part # CCR16.93MXC7T
Description  Ceramic Resonators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCR16.93MXC7T Datasheet(HTML) 6 Page - TDK Electronics

  CCR16.93MXC7T Datasheet HTML 1Page - TDK Electronics CCR16.93MXC7T Datasheet HTML 2Page - TDK Electronics CCR16.93MXC7T Datasheet HTML 3Page - TDK Electronics CCR16.93MXC7T Datasheet HTML 4Page - TDK Electronics CCR16.93MXC7T Datasheet HTML 5Page - TDK Electronics CCR16.93MXC7T Datasheet HTML 6Page - TDK Electronics CCR16.93MXC7T Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
(5/6)
004-04 / 20090305 / ef31_ccr.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
OSCILLATING FREQUENCY DRIFT OVER TEMPERATURE
MUC8/MXC8: ±0.3%/–40 to +85°C(Standard)
CCR8.0MXC8
MXC7: ±0.2%/–40 to +85°C(Standard)
CCR48.0MXC7
MYC7: ±0.2%/–40 to +85°C(Standard)
CCR48.0MYC7T1
OSCILLATING FREQUENCY AGING
MUC8/MXC8: ±0.2%/10years(Standard)
CCR8.0MXC8
MXC7: ±0.1%/10years(Standard)
CCR48.0MXC7
MYC7 : ±0.1%/10years(Standard)
CCR48.0MYC7T1
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–25
0
25
50
75
100
125
Temperature(˚C)
0.5
0.3
0.4
0.2
0.1
0
0.2
0.1
0.3
0.4
0.5
–50
–25
0
255075
100
Temperature(˚C)
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
–50
–25
0
255075
100
Temperature(˚C)
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
110
100
1000
10000
100000
Time(hrs)
1
100
10
1000
100000
10000
Time(hrs)
0.5
0.3
0.4
0.2
0.1
0
0.2
0.1
0.3
0.4
0.5
1
100
10
1000
100000
10000
Time(hrs)
0.5
0.3
0.4
0.2
0.1
0
0.2
0.1
0.3
0.4
0.5


Similar Part No. - CCR16.93MXC7T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCR16.93MXC7T TDK-CCR16.93MXC7T Datasheet
101Kb / 6P
   Ceramic ResonatorsSMD CCR Series
More results

Similar Description - CCR16.93MXC7T

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
logo
EUROQUARTZ limited
ZTB190D EUROQUARTZ-ZTB190D Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
TDK Electronics
FCR3.45MC5 TDK-FCR3.45MC5 Datasheet
65Kb / 3P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTB450E EUROQUARTZ-ZTB450E Datasheet
43Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
   Ceramic Resonators
logo
Raltron Electronics Cor...
POE-A RALTRON-POE-A Datasheet
42Kb / 1P
   CERAMIC RESONATORS
POC RALTRON-POC Datasheet
34Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com