Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1311FHN33 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # LPC1311FHN33
Description  32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1311FHN33 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button LPC1311FHN33 Datasheet HTML 33Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 34Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 35Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 36Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 37Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 38Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 39Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 40Page - NXP Semiconductors LPC1311FHN33 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
LPC1311_13_42_43_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 6 May 2010
37 of 60
NXP Semiconductors
LPC1311/13/42/43
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply
voltages.
[2]
All other blocks disabled in the PDSLEEPCFG register.
9.3 Electrical pin characteristics
Table 10.
Power consumption in Deep-sleep mode for individual analog blocks
Tamb = 25 °C; VDD = 3.3 V.
Analog block enabled in PDSLEEPCFG register
Conditions
Typical IDD[1]
USB PLL
[2]
39
μA
System PLL
[2]
39
μA
System oscillator
[2]
197
μA
BOD
[2]
74
μA
IRC
[2]
36
μA
IRC output
[2]
27
μA
Conditions: VDD = 3.3 V; on pin PIO0_7.
Fig 14. High-drive output: Typical HIGH-level output voltage VOH versus HIGH-level
output current IOH.
IOH (mA)
0
60
40
20
10
50
30
002aae990
2.8
2.4
3.2
3.6
VOH
(V)
2
T = 85
°C
25
°C
−40 °C


Similar Part No. - LPC1311FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311FHN33 NXP-LPC1311FHN33 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1311FHN33 NXP-LPC1311FHN33 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311FHN33-01 NXP-LPC1311FHN33-01 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
More results

Similar Description - LPC1311FHN33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
   32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
   32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F12365 HOLTEK-HT32F12365 Datasheet
1Mb / 56P
   32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
logo
Holtek Semiconductor In...
HT32F12345 HOLTEK-HT32F12345 Datasheet
1Mb / 51P
   32-Bit Arm Cortex -M3 Microcontroller, up to 64 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
   32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com