Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75A Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LM75A
Description  Digital temperature sensor and thermal watchdog
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75A Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LM75A Datasheet HTML 12Page - NXP Semiconductors LM75A Datasheet HTML 13Page - NXP Semiconductors LM75A Datasheet HTML 14Page - NXP Semiconductors LM75A Datasheet HTML 15Page - NXP Semiconductors LM75A Datasheet HTML 16Page - NXP Semiconductors LM75A Datasheet HTML 17Page - NXP Semiconductors LM75A Datasheet HTML 18Page - NXP Semiconductors LM75A Datasheet HTML 19Page - NXP Semiconductors LM75A Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LM75A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 10 July 2007
16 of 24
NXP Semiconductors
LM75A
Digital temperature sensor and thermal watchdog
12. Dynamic characteristics
[1]
These specifications are guaranteed by design and not tested in production.
[2]
The data hold time minimum value is 10 ns for the SCL clock period of 10
µs or higher.
Table 18.
I2C-bus interface dynamic characteristics[1]
VCC = 2.8 V to 5.5 V; Tamb = −55 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TCLK
SCL clock period
see Figure 12
2.5
-
-
µs
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tHD;STA
hold time (repeated) START condition
100
-
-
ns
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
[2] 0
--ns
tSU;STO
set-up time for STOP condition
100
-
-
ns
tf
fall time
SDA and OS outputs;
CL = 400 pF; IOL =3mA
-
250
-
ns
Fig 12. Timing diagram
002aad031
TCLK
tHIGH
tHD;STA
tSU;DAT
tHD;DAT
tLOW
tSU;STO
SCL
SDA


Similar Part No. - LM75A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75A NXP-LM75A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
NXP Semiconductors
LM75AD PHILIPS-LM75AD Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
More results

Similar Description - LM75A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
   Digital temperature sensor and thermal Watchdog
2004 Oct 05
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com