Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM311PSRE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM311PSRE4
Description  DIFFERENTIAL COMPARATORS WITH STROBES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM311PSRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM311PSRE4 Datasheet HTML 4Page - Texas Instruments LM311PSRE4 Datasheet HTML 5Page - Texas Instruments LM311PSRE4 Datasheet HTML 6Page - Texas Instruments LM311PSRE4 Datasheet HTML 7Page - Texas Instruments LM311PSRE4 Datasheet HTML 8Page - Texas Instruments LM311PSRE4 Datasheet HTML 9Page - Texas Instruments LM311PSRE4 Datasheet HTML 10Page - Texas Instruments LM311PSRE4 Datasheet HTML 11Page - Texas Instruments LM311PSRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
4
3
1
0
0
50
100
150
200
250
5
t − Time − ns
300
350
2
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
100 mV
20 mV
2 mV
5 mV
VCC± = ±15 V
RC = 500 Ω to 5 V
TA = 25°C
Figure 5
4
3
1
0
0
50
100
150
200
250
5
t − Time − ns
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
300
350
2
20 mV
5 mV
2 mV
100 mV
VCC± = ±15 V
RC = 500 Ω to 5 V
TA = 25°C
VID
VCC+ = 15 V
500
Ω
VO
VCC− = −15 V
TEST CIRCUIT FOR FIGURES 4 AND 5
5 V


Similar Part No. - LM311PSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM311PSRE4 TI1-LM311PSRE4 Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM311PSRE4 TI1-LM311PSRE4 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
LM311PSRE4 TI1-LM311PSRE4 Datasheet
2Mb / 38P
[Old version datasheet]   LMx11 Quad Differential Comparators
More results

Similar Description - LM311PSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM111 TI-LM111 Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com