Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8800PWPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8800PWPR
Description  DMOS FULL-BRIDGE MOTOR DRIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8800PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8800PWPR Datasheet HTML 5Page - Texas Instruments DRV8800PWPR Datasheet HTML 6Page - Texas Instruments DRV8800PWPR Datasheet HTML 7Page - Texas Instruments DRV8800PWPR Datasheet HTML 8Page - Texas Instruments DRV8800PWPR Datasheet HTML 9Page - Texas Instruments DRV8800PWPR Datasheet HTML 10Page - Texas Instruments DRV8800PWPR Datasheet HTML 11Page - Texas Instruments DRV8800PWPR Datasheet HTML 12Page - Texas Instruments DRV8800PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DRV8800
DRV8801
www.ti.com
SLVS855D – JULY 2008 – REVISED APRIL 2010
ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fPWM < 50 kHz
6
mA
IBB
Motor supply current
Charge pump on, Outputs disabled
3.2
Sleep mode
10
mA
VIH
2
PHASE, ENABLE,
V
MODE input voltage
VIL
0.8
VIH
2.7
nSLEEP input voltage
V
VIL
0.8
IIH
VIN = 2 V
<1.0
20
PHASE, MODE input current
mA
IIL
VIN = 0.8 V
–20
≤–2.0
20
IIH
VIN = 2 V
40
100
ENABLE input current
mA
IIL
VIN = 0.8 V
16
40
IIH
VIN = 2.7 V
27
50
nSLEEP input current
mA
IIL
VIN = 0.8 V
<1
10
VOL
nFAULT output voltage
Isink = 1 mA
0.4
V
VBBNFR
VBB nFAULT release
8 V < VBB < 40 V
12
13.8
V
VIHys
Input hysteresis, except nSLEEP
100
500
800
mV
Source driver, IOUT = –2.8 A, TJ = 25°C
0.48
Source driver, IOUT = –2.8 A, TJ = 125°C
0.74
0.85
Rds(ON)
Output ON resistance
Sink driver, IOUT = 2.8 A, TJ = 25°C
0.35
Sink driver, IOUT = 2.8 A, TJ = 125°C
0.52
0.7
SENSE connected to ground through some
VTRP
RSENSE/ISense voltage trip
500
mV
resistance
Source diode, If = –2.8 A
1.4
Vf
Body diode forward voltage
V
Sink diode, If = 2.8 A
1.4
PWM, Change to source or sink ON
600
tpd
Propagation delay time
ns
PWM, Change to source or sink OFF
100
tCOD
Crossover delay
500
ns
DAGain
Differential AMP gain
Sense = 0.1 V to 0.4 V
5
V/V
Protection Circuitry
VUV
UVLO threshold
VBB increasing
6.5
8
V
IOCP
Overcurrent threshold
3
A
tOCP
Overcurrent protection period
1.2
ms
TJW
Thermal warning temperature
Temperature increasing
160
°C
TJWHys
Thermal warning hysteresis
Recovery = TJW – TJWHys
15
°C
TJTSD
Thermal shutdown temperature
Temperature increasing
175
°C
TJTSDHys Thermal shutdown hysteresis
Recovery = TJTSD – TJTSDHys
15
°C
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV8800 DRV8801


Similar Part No. - DRV8800PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800A0RTY TI-DRV8800A0RTY Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800QPWPRQ1 TI1-DRV8800QPWPRQ1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800QRTYRQ1 TI1-DRV8800QRTYRQ1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8800PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com