Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F256RHAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC2530F256RHAR
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F256RHAR Datasheet(HTML) 5 Page - Texas Instruments

  CC2530F256RHAR Datasheet HTML 1Page - Texas Instruments CC2530F256RHAR Datasheet HTML 2Page - Texas Instruments CC2530F256RHAR Datasheet HTML 3Page - Texas Instruments CC2530F256RHAR Datasheet HTML 4Page - Texas Instruments CC2530F256RHAR Datasheet HTML 5Page - Texas Instruments CC2530F256RHAR Datasheet HTML 6Page - Texas Instruments CC2530F256RHAR Datasheet HTML 7Page - Texas Instruments CC2530F256RHAR Datasheet HTML 8Page - Texas Instruments CC2530F256RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
GENERAL CHARACTERISTICS
RF RECEIVE SECTION
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
WAKE-UP AND TIMING
Digital regulator on, 16-MHz RCOSC and 32-MHz crystal
Power mode 1
→ active
4
µs
oscillator off. Start-up of 16-MHz RCOSC
Digital regulator off, 16-MHz RCOSC and 32-MHz crystal
Power mode 2 or 3
→ active
0.1
ms
oscillator off. Start-up of regulator and 16-MHz RCOSC
Initially running on 16-MHz RCOSC, with 32-MHz XOSC
0.5
ms
OFF
Active
→ TX or RX
With 32-MHz XOSC initially on
192
µs
RX/TX and TX/RX turnaround
192
µs
RADIO PART
Programmable in 1-MHz steps, 5 MHz between channels
RF frequency range
2394
2507
MHz
for compliance with [1]
Radio baud rate
As defined by [1]
250
kbps
Radio chip rate
As defined by [1]
2
MChip/s
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C, VDD = 3 V, and fc = 2440 MHz, unless
otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PER = 1%, as specified by [1]
–97
–92
Receiver sensitivity
dBm
–88
[1] requires –85 dBm
PER = 1%, as specified by [1]
Saturation (maximum input level)
10
dBm
[1] requires –20 dBm
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, 5-MHz
5 MHz, PER = 1 %, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Adjacent-channel rejection, –5-MHz
–5 MHz, PER = 1 %, as specified by [1].
49
dB
channel spacing
[1] requires 0 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, 10-MHz
10 MHz, PER = 1%, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Wanted signal –82 dBm, adjacent modulated channel at
Alternate-channel rejection, –10-MHz
–10 MHz, PER = 1 %, as specified by [1]
57
dB
channel spacing
[1] requires 30 dB
Channel rejection
Wanted signal at –82 dBm. Undesired signal is an IEEE
≥ 20 MHz
802.15.4 modulated channel, stepped through all channels
57
dB
from 2405 to 2480 MHz. Signal level for PER = 1%.
≤ –20 MHz
57
Wanted signal at –82 dBm. Undesired signal is 802.15.4
Co-channel rejection
modulated at the same frequency as the desired signal. Signal
–3
dB
level for PER = 1%.
Blocking/desensitization
5 MHz from band edge
Wanted signal 3 dB above the sensitivity level, CW jammer,
–33
10 MHz from band edge
PER = 1%. Measured according to EN 300 440 class 2.
–33
20 MHz from band edge
–32
dBm
50 MHz from band edge
–31
–5 MHz from band edge
–35
–10 MHz from band edge
–35
–20 MHz from band edge
–34
–50 MHz from band edge
–34
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F256RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F256RHAR APLUS-CC2530F256RHAR Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F256RHAR TI-CC2530F256RHAR Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256RHAR TI-CC2530F256RHAR Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256RHAR TI-CC2530F256RHAR Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F256RHAR TI1-CC2530F256RHAR Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F256RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com