Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5681IRGCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5681IRGCT
Description  16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5681IRGCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5681IRGCT Datasheet HTML 6Page - Texas Instruments DAC5681IRGCT Datasheet HTML 7Page - Texas Instruments DAC5681IRGCT Datasheet HTML 8Page - Texas Instruments DAC5681IRGCT Datasheet HTML 9Page - Texas Instruments DAC5681IRGCT Datasheet HTML 10Page - Texas Instruments DAC5681IRGCT Datasheet HTML 11Page - Texas Instruments DAC5681IRGCT Datasheet HTML 12Page - Texas Instruments DAC5681IRGCT Datasheet HTML 13Page - Texas Instruments DAC5681IRGCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
DAC5681
SLLS864A – AUGUST 2007 – REVISED JANUARY 2009 ................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD, IOVDD = 3.3V, CLKVDD, DVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMOS INTERFACE: SDO, SDIO, SCLK, SDENB, RESETB
VIH
High-level input voltage
2
3
V
VIL
Low-level input voltage
0
0
0.8
V
IIH
High-level input current
±20
µA
IIL
Low-level input current
±20
µA
CMOS Input
5
CI
pF
capacitance
IOVDD
Iload = –100 µA
V
–0.2
VOH
SDO, SDIO
0.8
Iload = –2mA
V
x IOVDD
Iload = 100 µA
0.2
V
VOL
SDO, SDIO
Iload = 2 mA
0.5
V
Setup time, SDENB to
ts(SDENB)
20
ns
rising edge of SCLK
Setup time, SDIO valid
ts(SDIO)
10
ns
to rising edge of SCLK
Hold time, SDIO valid
th(SDIO)
5
ns
to rising edge of SCLK
t(SCLK)
Period of SCLK
100
ns
t(SCLKH)
High time of SCLK
40
ns
t(SCLKL)
Low time of SCLK
40
ns
Data output delay after
td(Data)
10
ns
falling edge of SCLK
Minimum RESETB
tRESET
25
ns
pulse width
CLOCK INPUT (CLKIN/CLKINC)
Duty cycle
50%
Differential voltage(3)
0.4
1
V
CLKIN/CLKINC input
CLKVDD
V
common mode
÷2
(3)
Driving the clock input with a differential voltage lower than 1V will result in degraded performance.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5681


Similar Part No. - DAC5681IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI1-DAC5681Z Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCR TI-DAC5681ZIRGCR Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681ZIRGCR TI1-DAC5681ZIRGCR Datasheet
5Mb / 61P
[Old version datasheet]   Interpolating Digital-To-Analog Converter
DAC5681ZIRGCT TI-DAC5681ZIRGCT Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5681IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
ADS54J60 TI1-ADS54J60 Datasheet
4Mb / 76P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.0-GSPS Analog-to-Digital Converter
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI1-DAC5682Z_17 Datasheet
3Mb / 66P
[Old version datasheet]   16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com