Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP3338CX24 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP3338CX24
Description  10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP3338CX24 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP3338CX24_09 Datasheet HTML 1Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 2Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 3Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 4Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 5Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 6Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 7Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 8Page - NXP Semiconductors IP3338CX24_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IP3338CX24_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 March 2009
4 of 12
NXP Semiconductors
IP3338CX24
10-channel integrated LC-filter network with ESD input protection
6.
Characteristics
[1]
Guaranteed by design.
7.
Application information
7.1 Insertion loss
The setup for measuring insertion loss in a 50
Ω system is shown in Figure 3.
The measured frequency response curves for all channels are shown in Figure 4.
Table 4.
Channel characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rs(ch)
channel series resistance
f = 0 Hz (DC)
100
125
150
Cch
channel capacitance
Vbias(DC) = 0 V; f = 1 MHz
-
25
30[1]
pF
Ls(ch)
channel series inductance
[1] -60
-
nH
VBR
breakdown voltage
Itest = 1 mA
6
-
10
V
Itest = −1 mA
−10 -
−6V
ILR
reverse leakage current
per channel; VI = 3.0 V
-
-
100
nA
Table 5.
Frequency characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
αil
insertion loss
Rgen = 50 Ω; RL = 50 Ω
800 MHz < f < 1 GHz
38
40
-
dB
1 GHz < f < 3 GHz
35
40
-
dB
at 0 Hz; Rgen = 50 Ω;
RL =50 Ω;Vbias(DC) =0V
6710
dB
f−3dB
cut-off frequency
measured relative to
insertion loss at DC;
Rgen =50 Ω; RL = 50 Ω
150
180
-
MHz
αct
crosstalk attenuation
800 MHz < f < 3 GHz;
Rgen =50 Ω; RL = 50 Ω
35
40
-
dB
Fig 3.
Frequency response measurement configuration
OUT
001aai755
50
50
Vgen
DUT
IN
TEST BOARD


Similar Part No. - IP3338CX24_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP3338CX24/LF NXP-IP3338CX24/LF Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
More results

Similar Description - IP3338CX24_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP3338CX24 NXP-IP3338CX24 Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4338CX24 NXP-IP4338CX24 Datasheet
90Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
IP3337CX18 NXP-IP3337CX18_09 Datasheet
92Kb / 12P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP4035CX24 NXP-IP4035CX24 Datasheet
245Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
IP4337CX18 NXP-IP4337CX18 Datasheet
78Kb / 12P
   7-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
IP3088CX5 NXP-IP3088CX5 Datasheet
292Kb / 15P
   Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com