Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP3088CX15 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IP3088CX15
Description  Integrated 2, 4, 6 and 8-channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP3088CX15 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IP3088CX15 Datasheet HTML 5Page - NXP Semiconductors IP3088CX15 Datasheet HTML 6Page - NXP Semiconductors IP3088CX15 Datasheet HTML 7Page - NXP Semiconductors IP3088CX15 Datasheet HTML 8Page - NXP Semiconductors IP3088CX15 Datasheet HTML 9Page - NXP Semiconductors IP3088CX15 Datasheet HTML 10Page - NXP Semiconductors IP3088CX15 Datasheet HTML 11Page - NXP Semiconductors IP3088CX15 Datasheet HTML 12Page - NXP Semiconductors IP3088CX15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IP3088CX5_CX10_CX15_CX20_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 12 February 2010
9 of 15
NXP Semiconductors
IP3088CX5/CX10/CX15/CX20
2, 4, 6 and 8-channel passive LC-filter network with ESD protection
Fig 11. Package outline IP3088CX5 (WLCSP5)
wlcsp5_2-1-2_po
European
projection
WLCSP5: wafer level chip-size package; 5 bumps (2-1-2)
detail X
A
A2
A1
X
A
B
C
E
D
2
1
e2
e1
e
b
1/2 e
B1
bump A1
index area
Table 9.
Dimensions for Figure 11
Symbol
Min
Typ
Max
Unit
A
0.60
0.65
0.70
mm
A1
0.22
0.24
0.26
mm
A2
0.38
0.41
0.44
mm
b
0.27
0.32
0.37
mm
D
0.91
0.96
1.01
mm
E
1.23
1.28
1.33
mm
e
-
0.5
-
mm
e1
-
0.435
-
mm
e2
-
0.87
-
mm


Similar Part No. - IP3088CX15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IP30 BEL-IP30 Datasheet
3Mb / 7P
   IP68 Waterproof Connectors and Adapters
logo
Interpion semiconductor
IP3002 INTERPION-IP3002 Datasheet
227Kb / 11P
   Power Factor Correction
logo
Injoinic Technology Co....
IP3005A INJOINIC-IP3005A Datasheet
891Kb / 10P
   2.1A Charging 2.4 A Discharge Highly Integrated Mobile Power SOC
logo
DB Unlimited.
IP301812-1 DBUNLIMITED-IP301812-1 Datasheet
307Kb / 1P
   Released from Engineering
IP303012-1 DBUNLIMITED-IP303012-1 Datasheet
551Kb / 1P
   Released from Engineering
More results

Similar Description - IP3088CX15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4253CZ8 NXP-IP4253CZ8 Datasheet
59Kb / 10P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 02-8 November 2007
IP4251 NXP-IP4251 Datasheet
100Kb / 16P
   Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
Rev. 03-6 May 2009
logo
Nexperia B.V. All right...
IP3048CX5 NEXPERIA-IP3048CX5 Datasheet
476Kb / 12P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3047CX6 NXP-IP3047CX6 Datasheet
273Kb / 11P
   Integrated dual channel passive LC-filter network with ESD protection to IEC 61000-4-2 level 4
Rev. 2-23 November 2010
logo
Nexperia B.V. All right...
IP3053CX5 NEXPERIA-IP3053CX5 Datasheet
609Kb / 16P
   Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
logo
NXP Semiconductors
IP3337CX18 NXP-IP3337CX18 Datasheet
97Kb / 13P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 November 2008
IP3337CX18 NXP-IP3337CX18_09 Datasheet
92Kb / 12P
   7-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP3338CX24 NXP-IP3338CX24_09 Datasheet
97Kb / 12P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 02-10 March 2009
IP3338CX24 NXP-IP3338CX24 Datasheet
103Kb / 13P
   10-channel integrated LC-filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-13 November 2008
IP4041CX25 NXP-IP4041CX25 Datasheet
242Kb / 12P
   10-channel integrated filter network with ESD input protection to IEC 61000-4-2 level 4
Rev. 01-12 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com