Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6422IRGCRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS6422IRGCRG4
Description  QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6422IRGCRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS6422IRGCRG4 Datasheet HTML 1Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 2Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 3Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 4Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS6422IRGCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
ADS6424
ADS6423
ADS6422
www.ti.com ............................................................................................................................................. SLAS532A–MAY 2007–REVISED JUNE 2007
QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
Base-station IF Receivers
12-Bit Resolution With No Missing Codes
Diversity Receivers
Simultaneous Sample and Hold
Medical Imaging
3.5dB Coarse Gain and upto 6dB
Test Equipment
Programmable Fine Gain for SFDR/SNR
Trade-Off
Table 1. ADS64XX Quad Channel Family
Serialized LVDS Outputs With Programmable
125 MSPS
105 MSPS
80 MSPS
65 MSPS
Internal Termination Option
ADS644X
Supports Sine, LVCMOS, LVPECL, LVDS
ADS6445
ADS6444
ADS6443
ADS6442
14 Bit
Clock Inputs and Amplitude down to 400
ADS642X
ADS6425
ADS6424
ADS6423
ADS6422
mVPP
12 Bit
(SLWS197)
Internal Reference With External Reference
Support
No External Decoupling Required for
References
3.3-V Analog and Digital Supply
64 QFN Package (9 mm
× 9 mm)
Pin Compatible 14-Bit Family (ADS644X -
SLAS531A)
Feature Compatible Dual Channel Family
(ADS624X - SLAS542A, ADS622X - SLAS543A)
Table 2. Performance Summary
ADS6425
ADS6424
ADS6423
ADS6422
Fin = 10MHz (0 dB gain)
90
91
91
93
SFDR, dBc
Fin = 170MHz (3.5 dB gain)
79
81
82
83
Fin = 10MHz (0 dB gain)
70.7
71.1
71.3
71.3
SINAD, dBFS
Fin = 170MHz (3.5 dB gain)
67.4
68.1
68.2
68.7
Power per channel, mW
420
340
300
265
The ADS6424/ADS6423/ADS6422 (ADS642X) is a family of high performance 12-bit 105/80/65 MSPS quad
channel A-D converters. Serial LVDS data outputs reduce the number of interface lines, resulting in a compact
64-pin QFN package (9 mm
× 9 mm) that allows for high system integration density. The device includes 3.5dB
coarse gain option that can be used to improve SFDR performance with little degradation in SNR. In addition to
the coarse gain, fine gain options also exist, programmable in 1dB steps up to 6dB.
The output interface is 2-wire, where each ADC data is serialized and output over two LVDS pairs. This makes it
possible to halve the serial data rate (compared to a 1-wire interface) and restrict it to less than 1Gbps easing
receiver design. The ADS642X also includes the traditional 1-wire interface that can be used at lower sampling
frequencies.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical
applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data
sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
1
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS6422IRGCRG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6422 STMICROELECTRONICS-ADS6422 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6422IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com