Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICM7555 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. ICM7555
Description  General purpose CMOS timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ICM7555 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button ICM7555 Datasheet HTML 6Page - NXP Semiconductors ICM7555 Datasheet HTML 7Page - NXP Semiconductors ICM7555 Datasheet HTML 8Page - NXP Semiconductors ICM7555 Datasheet HTML 9Page - NXP Semiconductors ICM7555 Datasheet HTML 10Page - NXP Semiconductors ICM7555 Datasheet HTML 11Page - NXP Semiconductors ICM7555 Datasheet HTML 12Page - NXP Semiconductors ICM7555 Datasheet HTML 13Page - NXP Semiconductors ICM7555 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ICM7555_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 August 2009
10 of 22
NXP Semiconductors
ICM7555
General purpose CMOS timer
VDD =5V; Tamb = +25 °C
Fig 12. Free-running frequency as a function of RA, RB resistance and external
capacitance
VDD =5V; Tamb = +25 °C
Fig 13. Monostable time delay versus RA resistance and external capacitance
002aae415
102
C (
µF)
10−5
f (Hz)
10−1
107
10−4
106
105
104
103
102
10
1
10−3
10−2
10−1
1
10
1 k
10 k
100 k
1 M
10 M
002aae416
102
C (
µF)
10−5
td (s)
10−7
10
10−4
1
10−1
10−2
10−3
10−4
10−5
10−6
10−3
10−2
10−1
1
10
1 k
10 k
100 k
1 M
10 M


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn