Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6422IRGCT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6422IRGCT
Description  QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6422IRGCT Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS6422IRGCT Datasheet HTML 3Page - Texas Instruments ADS6422IRGCT Datasheet HTML 4Page - Texas Instruments ADS6422IRGCT Datasheet HTML 5Page - Texas Instruments ADS6422IRGCT Datasheet HTML 6Page - Texas Instruments ADS6422IRGCT Datasheet HTML 7Page - Texas Instruments ADS6422IRGCT Datasheet HTML 8Page - Texas Instruments ADS6422IRGCT Datasheet HTML 9Page - Texas Instruments ADS6422IRGCT Datasheet HTML 10Page - Texas Instruments ADS6422IRGCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6424
ADS6423
ADS6422
SLAS532A – MAY 2007 – REVISED JUNE 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6424
ADS6423
ADS6422
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
71.2
71.4
71.4
Fin = 50 MHz
70.8
68
71.1
68
71.2
Fin = 70 MHz
67.5
70.6
70.9
71
Fin = 100 MHz
70.1
70.5
70.5
0 dB gain
68.8
69
69.1
SNR
dBFS
3.5 dB
68.4
68.4
68.8
Fin = 170 MHz
Signal to noise ratio
Coarse
gain
0 dB gain
67.8
66.9
68.1
3.5 dB
67.3
67.3
67.8
Fin = 230 MHz
Coarse
gain
Fin = 10 MHz
71.1
71.3
71.3
Fin = 50 MHz
69.8
67.5
70.9
67.5
71
Fin = 70 MHz
67
70
70.6
70.7
Fin = 100 MHz
70
70.1
70
0 dB gain
68.5
68.6
68.9
SINAD
Signal to noise and
dBFS
3.5 dB
68.1
68.2
68.7
Fin = 170 MHz
distortion ratio
Coarse
gain
0 dB gain
66.8
66.5
67.3
3.5 dB
66.8
67.2
67.4
Fin = 230 MHz
Coarse
gain
RMS Output noise
Inputs tied to common-mode
0.407
0.407
0.407
LSB
Fin = 10 MHz
91
91
93
Fin = 50 MHz
80
76
87
76
88
Fin = 70 MHz
73
81
86
86
Fin = 100 MHz
85
85
83
0 dB gain
78
79
80
SFDR
Spurious free
dBc
3.5 dB
81
82
83
Fin = 170 MHz
dynamic range
Coarse
gain
0 dB gain
76
77
78
3.5 dB
79
80
81
Fin = 230 MHz
Coarse
gain
Copyright © 2007, Texas Instruments Incorporated
7
Submit Documentation Feedback


Similar Part No. - ADS6422IRGCT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ADS6422 STMICROELECTRONICS-ADS6422 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6422IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com