Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1113IRUGT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113IRUGT
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113IRUGT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1113IRUGT Datasheet HTML 9Page - Texas Instruments ADS1113IRUGT Datasheet HTML 10Page - Texas Instruments ADS1113IRUGT Datasheet HTML 11Page - Texas Instruments ADS1113IRUGT Datasheet HTML 12Page - Texas Instruments ADS1113IRUGT Datasheet HTML 13Page - Texas Instruments ADS1113IRUGT Datasheet HTML 14Page - Texas Instruments ADS1113IRUGT Datasheet HTML 15Page - Texas Instruments ADS1113IRUGT Datasheet HTML 16Page - Texas Instruments ADS1113IRUGT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Equivalent
Circuit
f
=250kHz
CLK
Z
CM
Z
DIFF
Z
CM
AIN
N
AIN
P
0.7V
0.7V
S
1
S
1
C
A1
C
B
C
A2
S
2
S
2
0.7V
0.7V
AIN
N
AIN
P
ADS1113
ADS1114
ADS1115
www.ti.com
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
Figure 26. Simplified Analog Input Circuit
The common-mode input impedance is measured by
The typical value of the input impedance cannot be
applying a common-mode signal to shorted AINP and
neglected. Unless the input source has a low
AINN inputs and measuring the average current
impedance, the ADS1113/4/5 input impedance may
consumed by each pin. The common-mode input
affect the measurement accuracy. For sources with
impedance changes depending on the PGA gain
high output impedance, buffering may be necessary.
setting, but is approximately 6M
Ω for the default PGA
Active buffers introduce noise, and also introduce
gain setting. In Figure 26, the common-mode input
offset and gain errors. All of these factors should be
impedance is ZCM.
considered in high-accuracy applications.
The differential input impedance is measured by
Because the clock oscillator frequency drifts slightly
applying a differential signal to AINP and AINN inputs
with temperature, the input impedances also drift. For
where one input is held at 0.7V. The current that
many applications, this input impedance drift can be
flows through the pin connected to 0.7V is the
ignored, and the values given in Table 2 for typical
differential current and scales with the PGA gain
input impedance are valid.
setting. In Figure 26, the differential input impedance
is ZDIFF. Table 2 describes the typical differential input
FULL-SCALE INPUT
impedance.
A programmable gain amplifier (PGA) is implemented
before the
ΔΣ core of the ADS1114/5. The PGA can
Table 2. Differential Input Impedance
be set to gains of 2/3, 1, 2, 4, 8, and 16. Table 3
FS (V)
DIFFERENTIAL INPUT IMPEDANCE
shows the corresponding full-scale (FS) ranges. The
±6.144V(1)
22M
Ω
PGA is configured by three bits in the Config register.
The ADS1113 has a fixed full-scale input range of
±4.096V(1)
15M
Ω
±2.048V. The PGA = 2/3 setting allows input
±2.048V
4.9M
Ω
measurement to extend up to the supply voltage
±1.024V
2.4M
Ω
when VDD is larger than 4V. Note though that in this
±0.512V
710k
Ω
case (as well as for PGA = 1 and VDD < 4V), it is not
±0.256V
710k
Ω
possible to reach a full-scale output code on the
ADC. Analog input voltages may never exceed the
1. This parameter expresses the full-scale range of
analog input voltage limits given in the Electrical
the ADC scaling. In no event should more than
Characteristics table.
VDD + 0.3V be applied to this device.
Table 3. PGA Gain Full-Scale Range
PGA SETTING
FS (V)
2/3
±6.144V(1)
1
±4.096V(1)
2
±2.048V
4
±1.024V
8
±0.512V
16
±0.256V
1. This parameter expresses the full-scale range of
the ADC scaling. In no event should more than
VDD + 0.3V be applied to this device.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Similar Part No. - ADS1113IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113IRUGT TI-ADS1113IRUGT Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1113IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com