Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1113IRUGR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113IRUGR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113IRUGR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1113IRUGR Datasheet HTML 17Page - Texas Instruments ADS1113IRUGR Datasheet HTML 18Page - Texas Instruments ADS1113IRUGR Datasheet HTML 19Page - Texas Instruments ADS1113IRUGR Datasheet HTML 20Page - Texas Instruments ADS1113IRUGR Datasheet HTML 21Page - Texas Instruments ADS1113IRUGR Datasheet HTML 22Page - Texas Instruments ADS1113IRUGR Datasheet HTML 23Page - Texas Instruments ADS1113IRUGR Datasheet HTML 24Page - Texas Instruments ADS1113IRUGR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Frame1Two-WireSlaveAddressByte
Frame2PointerRegisterByte
1
StartBy
Master
ACKBy
ADS1113/4/5
ACKBy
ADS1113/4/5
Frame3Two-WireSlaveAddressByte
Frame4DataByte1ReadRegister
StartBy
Master
ACKBy
ADS1113/4/5
ACKBy
Master
(2)
From
ADS1113/4/5
1
9
1
9
1
9
1
9
SDA
SCL
0
0
1
R/W
0
0
0
0
0
0
P1
P0
¼
¼
¼
SDA
(Continued)
SCL
(Continued)
SDA
(Continued)
SCL
(Continued)
1
0
0
1
0
A1
(1)
A0
(1)
0
A1
(1)
A0
(1)
R/W
D15
D14
D13
D12 D11
D10
D9
D8
Frame5DataByte2ReadRegister
StopBy
Master
ACKBy
Master
(3)
From
ADS1113/4/5
1
9
D7
D6
D5
D4
D3
D2
D1
D0
StopBy
Master
ADS1113
ADS1114
ADS1115
www.ti.com
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
(1)
The values of A0 and A1 are determined by the ADDR pin.
(2)
Master can leave SDA high to terminate a single-byte read operation.
(3)
Master can leave SDA high to terminate a two-byte read operation.
Figure 30. Two-Wire Timing Diagram for Read Word Format
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Similar Part No. - ADS1113IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113IRUGR TI-ADS1113IRUGR Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1113IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com