Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1113IRUGR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1113IRUGR
Description  Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1113IRUGR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1113IRUGR Datasheet HTML 15Page - Texas Instruments ADS1113IRUGR Datasheet HTML 16Page - Texas Instruments ADS1113IRUGR Datasheet HTML 17Page - Texas Instruments ADS1113IRUGR Datasheet HTML 18Page - Texas Instruments ADS1113IRUGR Datasheet HTML 19Page - Texas Instruments ADS1113IRUGR Datasheet HTML 20Page - Texas Instruments ADS1113IRUGR Datasheet HTML 21Page - Texas Instruments ADS1113IRUGR Datasheet HTML 22Page - Texas Instruments ADS1113IRUGR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
ADS1113
ADS1114
ADS1115
www.ti.com
SBAS444B – MAY 2009 – REVISED OCTOBER 2009
Bits [14:12]
MUX[2:0]: Input multiplexer configuration (ADS1115 only)
These bits configure the input multiplexer. They serve no function on the ADS1113/4.
000 : AINP = AIN0 and AINN = AIN1 (default)
100 : AINP = AIN0 and AINN = GND
001 : AINP = AIN0 and AINN = AIN3
101 : AINP = AIN1 and AINN = GND
010 : AINP = AIN1 and AINN = AIN3
110 : AINP = AIN2 and AINN = GND
011 : AINP = AIN2 and AINN = AIN3
111 : AINP = AIN3 and AINN = GND
Bits [11:9]
PGA[2:0]: Programmable gain amplifier configuration (ADS1114 and ADS1115 only)
These bits configure the programmable gain amplifier. They serve no function on the ADS1113.
000 : FS = ±6.144V(1)
100 : FS = ±0.512V
001 : FS = ±4.096V(1)
101 : FS = ±0.256V
010 : FS = ±2.048V (default)
110 : FS = ±0.256V
011 : FS = ±1.024V
111 : FS = ±0.256V
Bit [8]
MODE: Device operating mode
This bit controls the current operational mode of the ADS1113/4/5.
0 : Continuous conversion mode
1 : Power-down single-shot mode (default)
Bits [7:5]
DR[2:0]: Data rate
These bits control the data rate setting.
000 : 8SPS
100 : 128SPS (default)
001 : 16SPS
101 : 250SPS
010 : 32SPS
110 : 475SPS
011 : 64SPS
111 : 860SPS
Bit [4]
COMP_MODE: Comparator mode (ADS1114 and ADS1115 only)
This bit controls the comparator mode of operation. It changes whether the comparator is implemented as a
traditional comparator (COMP_MODE = '0') or as a window comparator (COMP_MODE = '1'). It serves no
function on the ADS1113.
0 : Traditional comparator with hysteresis (default)
1 : Window comparator
Bit [3]
COMP_POL: Comparator polarity (ADS1114 and ADS1115 only)
This bit controls the polarity of the ALERT/RDY pin. When COMP_POL = '0' the comparator output is active
low. When COMP_POL='1' the ALERT/RDY pin is active high. It serves no function on the ADS1113.
0 : Active low (default)
1 : Active high
Bit [2]
COMP_LAT: Latching comparator (ADS1114 and ADS1115 only)
This bit controls whether the ALERT/RDY pin latches once asserted or clears once conversions are within the
margin of the upper and lower threshold values. When COMP_LAT = '0', the ALERT/RDY pin does not latch
when asserted. When COMP_LAT = '1', the asserted ALERT/RDY pin remains latched until conversion data
are read by the master or an appropriate SMBus alert response is sent by the master, the device responds with
its address, and it is the lowest address currently asserting the ALERT/RDY bus line. This bit serves no
function on the ADS1113.
0 : Non-latching comparator (default)
1 : Latching comparator
Bits [1:0]
COMP_QUE: Comparator queue and disable (ADS1114 and ADS1115 only)
These bits perform two functions. When set to '11', they disable the comparator function and put the
ALERT/RDY pin into a high state. When set to any other value, they control the number of successive
conversions exceeding the upper or lower thresholds required before asserting the ALERT/RDY pin. They
serve no function on the ADS1113.
00 : Assert after one conversion
01 : Assert after two conversions
10 : Assert after four conversions
11 : Disable comparator (default)
(1)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than VDD + 0.3V be applied to this device.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS1113 ADS1114 ADS1115


Similar Part No. - ADS1113IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113IRUGR TI-ADS1113IRUGR Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1113IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015-Q1 TI1-ADS1015-Q1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1013 TI1-ADS1013_14 Datasheet
1Mb / 35P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com